Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32L496AE Arkusz danych(PDF) 1 Page - STMicroelectronics

Numer części STM32L496AE
Szczegółowy opis  25 nA Shutdown mode
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L496AE Arkusz danych(HTML) 1 Page - STMicroelectronics

  STM32L496AE Datasheet HTML 1Page - STMicroelectronics STM32L496AE Datasheet HTML 2Page - STMicroelectronics STM32L496AE Datasheet HTML 3Page - STMicroelectronics STM32L496AE Datasheet HTML 4Page - STMicroelectronics STM32L496AE Datasheet HTML 5Page - STMicroelectronics STM32L496AE Datasheet HTML 6Page - STMicroelectronics STM32L496AE Datasheet HTML 7Page - STMicroelectronics STM32L496AE Datasheet HTML 8Page - STMicroelectronics STM32L496AE Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 263 page
background image
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
May 2017
DocID029173 Rev 2
1/263
STM32L496xx
Ultra-low-power ARM® Cortex®-M4 32-bit MCU+FPU, 100DMIPS,
up to 1MB Flash, 320KB SRAM, USB OTG FS, audio, ext. SMPS
Datasheet
- preliminary data
Features
• Ultra-low-power with FlexPowerControl
– 1.71 V to 3.6 V power supply
– -40 °C to 85/125 °C temperature range
– 320 nA in VBAT mode: supply for RTC and
32x32-bit backup registers
– 25 nA Shutdown mode (5 wakeup pins)
– 108 nA Standby mode (5 wakeup pins)
– 426 nA Standby mode with RTC
– 2.57 µA Stop 2 mode, 2.86 µA Stop 2 with
RTC
– 91 µA/MHz run mode (LDO Mode)
– 37 μA/MHz run mode (@3.3 V SMPS
Mode)
– Batch acquisition mode (BAM)
– 5 µs wakeup from Stop mode
– Brown out reset (BOR) in all modes except
shutdown
– Interconnect matrix
• Core: ARM® 32-bit Cortex®-M4 CPU with FPU,
Adaptive real-time accelerator (ART
Accelerator™) allowing 0-wait-state execution
from Flash memory, frequency up to 80 MHz,
MPU, 100 DMIPS and DSP instructions
• Performance benchmark
– 1.25 DMIPS/MHz (Drystone 2.1)
– 273.55 Coremark® (3.42 Coremark/MHz @
80 MHz)
• Energy benchmark
– 217 ULPBENCH™ score
• 16 x timers: 2 x 16-bit advanced motor-control,
2 x 32-bit and 5 x 16-bit general purpose,
2 x 16-bit basic, 2 x low-power 16-bit timers
(available in Stop mode), 2 x watchdogs,
SysTick timer
• RTC with HW calendar, alarms and calibration
• Up to 136 fast I/Os, most 5 V-tolerant, up to 14
I/Os with independent supply down to 1.08 V
• Dedicated Chrom-ART Accelerator™ for
enhanced graphic content creation (DMA2D)
• 8- to 14-bit camera interface up to 32 MHz
(black&white) or 10 MHz (color)
• Memories
– Up to 1 MB Flash, 2 banks read-while-
write, proprietary code readout protection
– 320 KB of SRAM including 64 KB with
hardware parity check
– External memory interface for static
memories supporting SRAM, PSRAM,
NOR and NAND memories
– Dual-flash Quad SPI memory interface
• Clock Sources
– 4 to 48 MHz crystal oscillator
– 32 kHz crystal oscillator for RTC (LSE)
– Internal 16 MHz factory-trimmed RC (±1%)
– Internal low-power 32 kHz RC (±5%)
– Internal multispeed 100 kHz to 48 MHz
oscillator, auto-trimmed by LSE (better than
±0.25% accuracy)
– Internal 48 MHz with clock recovery
– 3 PLLs for system clock, USB, audio, ADC
• LCD 8 × 40 or 4 × 44 with step-up converter
• Up to 24 capacitive sensing channels: support
touchkey, linear and rotary touch sensors
• 4 x digital filters for sigma delta modulator
• Rich analog peripherals (independent supply)
– 3 × 12-bit ADC 5 Msps, up to 16-bit with
hardware oversampling, 200 µA/Msps
– 2 x 12-bit DAC, low-power sample and hold
UFBGA132 (7 × 7)
LQFP144 (20 × 20)
UFBGA169 (7 x 7)
WLCSP100
LQFP100 (14 x 14)
LQFP64 (10 x 10)
www.st.com


Podobny numer części - STM32L496AE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STM32L496AE STMICROELECTRONICS-STM32L496AE Datasheet
3Mb / 262P
Ultra-low-power ARM® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 1MB Flash, 320KB SRAM, USB OTG FS, audio, ext. SMPS
22-Feb-2017
STM32L496AEI3 STMICROELECTRONICS-STM32L496AEI3 Datasheet
3Mb / 262P
Ultra-low-power ARM® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 1MB Flash, 320KB SRAM, USB OTG FS, audio, ext. SMPS
22-Feb-2017
STM32L496AEI3P STMICROELECTRONICS-STM32L496AEI3P Datasheet
3Mb / 262P
Ultra-low-power ARM® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 1MB Flash, 320KB SRAM, USB OTG FS, audio, ext. SMPS
22-Feb-2017
STM32L496AEI3PTR STMICROELECTRONICS-STM32L496AEI3PTR Datasheet
3Mb / 262P
Ultra-low-power ARM® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 1MB Flash, 320KB SRAM, USB OTG FS, audio, ext. SMPS
22-Feb-2017
STM32L496AEI3PXXX STMICROELECTRONICS-STM32L496AEI3PXXX Datasheet
3Mb / 262P
Ultra-low-power ARM® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 1MB Flash, 320KB SRAM, USB OTG FS, audio, ext. SMPS
22-Feb-2017
More results

Podobny opis - STM32L496AE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM4819 NSC-LM4819 Datasheet
616Kb / 21P
350mW Audio Power Amplifier with Shutdown Mode
logo
List of Unclassifed Man...
CM8662 ETC-CM8662 Datasheet
237Kb / 8P
AUDIO POWER AMP WITH SHUTDOWN MODE
logo
Anachip Corp
AP4809 ANACHIP-AP4809 Datasheet
234Kb / 9P
Stereo Headphone Amplifier With Shutdown Mode
Rev. 1.0 Sep 29, 2004
logo
List of Unclassifed Man...
HWD2119 ETC1-HWD2119 Datasheet
877Kb / 21P
350mWAudio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
LM4862 UTC-LM4862 Datasheet
125Kb / 5P
AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
Texas Instruments
LP3891ES-1.2 TI-LP3891ES-1.2 Datasheet
1Mb / 19P
1.5% Output Accuracy (25째C), 60 nA Typical Quiescent Current in Shutdown
logo
SG Micro Corp
SGM4871 SGMICRO-SGM4871 Datasheet
331Kb / 12P
Audio Power Amplifier with Shutdown Mode
logo
Rohm
BD1482EFJ ROHM-BD1482EFJ Datasheet
568Kb / 20P
Low Standby Current during Shutdown Mode
BD1484EFJ ROHM-BD1484EFJ Datasheet
565Kb / 20P
Low Standby Current during Shutdown Mode
logo
Unisonic Technologies
LM4862 UTC-LM4862_15 Datasheet
153Kb / 4P
AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com