Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32L496AE Arkusz danych(PDF) 34 Page - STMicroelectronics

Numer części STM32L496AE
Szczegółowy opis  25 nA Shutdown mode
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L496AE Arkusz danych(HTML) 34 Page - STMicroelectronics

Back Button STM32L496AE Datasheet HTML 30Page - STMicroelectronics STM32L496AE Datasheet HTML 31Page - STMicroelectronics STM32L496AE Datasheet HTML 32Page - STMicroelectronics STM32L496AE Datasheet HTML 33Page - STMicroelectronics STM32L496AE Datasheet HTML 34Page - STMicroelectronics STM32L496AE Datasheet HTML 35Page - STMicroelectronics STM32L496AE Datasheet HTML 36Page - STMicroelectronics STM32L496AE Datasheet HTML 37Page - STMicroelectronics STM32L496AE Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 263 page
background image
Functional overview
STM32L496xx
34/263
DocID029173 Rev 2
An internal VBAT battery charging circuit is embedded and can be activated when VDD is
present.
Note:
When the microcontroller is supplied from VBAT, external interrupts and RTC alarm/events
do not exit it from VBAT operation.
3.11
Interconnect matrix
Several peripherals have direct connections between them. This allows autonomous
communication between peripherals, saving CPU resources thus power supply
consumption. In addition, these hardware connections allow fast and predictable latency.
Depending on peripherals, these interconnections can operate in Run, Sleep, low-power run
and sleep, Stop 0, Stop 1 and Stop 2 modes.
Table 6. STM32L496xx peripherals interconnect matrix
Interconnect source
Interconnect
destination
Interconnect action
TIMx
TIMx
Timers synchronization or chaining
Y
Y
Y
Y
-
-
ADCx
DACx
DFSDM1
Conversion triggers
Y
Y
Y
Y
-
-
DMA
Memory to memory transfer trigger
Y
Y
Y
Y
-
-
COMPx
Comparator output blanking
Y
Y
Y
Y
-
-
TIM16/TIM17
IRTIM
Infrared interface output generation
Y
Y
Y
Y
-
-
COMPx
TIM1, 8
TIM2, 3
Timer input channel, trigger, break from
analog signals comparison
YY
YY
-
-
LPTIMERx
Low-power timer triggered by analog
signals comparison
YY
YY
Y
Y
(1)
ADCx
TIM1, 8
Timer triggered by analog watchdog
Y
Y
Y
Y
-
-
RTC
TIM16
Timer input channel from RTC events
Y
Y
Y
Y
-
-
LPTIMERx
Low-power timer triggered by RTC alarms
or tampers
YY
YY
Y
Y
(1)
All clocks sources (internal
and external)
TIM2
TIM15, 16, 17
Clock source used as input channel for
RC measurement and trimming
YY
YY
-
-
USB
TIM2
Timer triggered by USB SOF
Y
Y
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com