Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32L496AE Arkusz danych(PDF) 16 Page - STMicroelectronics

Numer części STM32L496AE
Szczegółowy opis  25 nA Shutdown mode
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L496AE Arkusz danych(HTML) 16 Page - STMicroelectronics

Back Button STM32L496AE Datasheet HTML 12Page - STMicroelectronics STM32L496AE Datasheet HTML 13Page - STMicroelectronics STM32L496AE Datasheet HTML 14Page - STMicroelectronics STM32L496AE Datasheet HTML 15Page - STMicroelectronics STM32L496AE Datasheet HTML 16Page - STMicroelectronics STM32L496AE Datasheet HTML 17Page - STMicroelectronics STM32L496AE Datasheet HTML 18Page - STMicroelectronics STM32L496AE Datasheet HTML 19Page - STMicroelectronics STM32L496AE Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 263 page
background image
Description
STM32L496xx
16/263
DocID029173 Rev 2
Random generator
Yes
GPIOs(3)
Wakeup pins
Nb of I/Os down to
1.08 V
136
5
14
115
5
14
110
5
14
83
5
0
52
4
0
Capacitive sensing
Number of channels
24
24
24
21
21
12-bit ADCs
Number of channels
3
24
3
24
3
19
3
16
3
16
12-bit DAC channels
2
Internal voltage
reference buffer
Yes
Analog comparator
2
Operational amplifiers
2
Max. CPU frequency
80 MHz
Operating voltage (VDD)
1.71 to 3.6 V
Operating voltage
(VDD12)
1.05 to 1.32 V
Operating temperature
Ambient operating temperature: -40 to 85 °C / -40 to 125 °C
Junction temperature: -40 to 105 °C / -40 to 130 °C
Packages
UFBGA169
LQFP144
UFBGA132
LQFP100
WLCSP100
LQFP64
1. For the LQFP100 and WLCSP100 packages, only FMC Bank1 is available. Bank1 can only support a multiplexed
NOR/PSRAM memory using the NE1 Chip Select.
2. Only up to 13 data bits.
3. In case external SMPS package type is used, 2 GPIO's are replaced by VDD12 pins to connect the SMPS power supplies
hence reducing the number of available GPIO's by 2.
Table 2. STM32L496xx family device features and peripheral counts (continued)
Peripheral
STM32L496Ax STM32L496Zx STM32L496Qx
STM32L496Vx
STM32L496Rx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com