Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS68040MFD/T33A Arkusz danych(PDF) 1 Page - ATMEL Corporation

Numer części TS68040MFD/T33A
Szczegółowy opis  Third- Generation 32-bit Microprocessor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ATMEL [ATMEL Corporation]
Strona internetowa  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68040MFD/T33A Arkusz danych(HTML) 1 Page - ATMEL Corporation

  TS68040MFD/T33A Datasheet HTML 1Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 2Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 3Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 4Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 5Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 6Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 7Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 8Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
1
Features
• 26-42 MIPS Integer Performance
• 3.5-5.6 MFLOPS Floating-Point-Performance
• IEEE 754-Compatible FPU
• Independent Instruction and Data MMUs
• 4K bytes Physical Instruction Cache and 4K bytes Physical Data Cache Accessed
Simultaneously
• 32-bit, Nonmultiplexed External Address and Data Buses with Synchronous Interface
• User-Object-Code Compatibility with All Earlier TS68000 Microprocessors
• Multimaster/Multiprocessor Support via Bus Snooping
• Concurrent Integer Unit, FPU, MMU, Bus Controller, and Bus Snooper Maximize
Throughput
• 4G bytes Direct Addressing Range
• Software Support Including Optimizing C Compiler and UNIX® System V Port
• IEEE P 1149-1 Test Mode (JTAG)
• f = 25 MHz, 33 MHz; V
CC = 5V ± 5%; PD = 7W
• The Use of the TS88915T Clock Driver is Suggested
Description
The TS68040 is Atmel’s third generation of 68000-compatible, high-performance, 32-
bit microprocessors. The TS68040 is a virtual memory microprocessor employing
multiple, concurrent execution units and a highly integrated architecture to provide
very high performance in a monolithic HCMOS device. On a single chip, the TS68040
integrates a 68030-compatible integer unit, an IEEE 754-compatible floating-point unit
(FPU), and fully independent instruction and data demand-paged memory manage-
ment units (MMUs), including 4K bytes independent instruction and data caches. A
high degree of instruction execution parallelism is achieved through the use of multi-
ple independent execution pipelines, multiple internal buses, and a full internal
Harvard architecture, including separate physical caches for both instruction and data
accesses. The TS68040 also directly supports cache coherency in multimaster appli-
cations with dedicated on-chip bus snooping logic.
The TS68040 is user-object-code compatible with previous members of the TS68000
Family and is specifically optimized to reduce the execution time of compiler-gener-
ated code. The 68040 HCMOS technology, provides an ideal balance between speed,
power, and physical device size.
Figure 1 is a simplified block diagram of the TS68040. Instruction execution is pipe-
lined in both the integer unit and FPU. Independent data and instruction MMUs control
the main caches and the address translation caches (ATCs). The ATCs speed up log-
ical-to-physical address translations by storing recently used translations. The bus
snooper circuit ensures cache coherency in multimaster and multiprocessing
applications.
Screening
•MIL-STD-883
•
DESC. Drawing 5962-93143
•
Atmel Standards
Third-
Generation
32-bit
Microprocessor
TS68040
Rev. 2116A–HIREL–09/02


Podobny numer części - TS68040MFD/T33A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
TS68000 STMICROELECTRONICS-TS68000 Datasheet
4Mb / 76P
HMOS 16/32-BIT MICROPROCESSOR
TS68000CFN10 STMICROELECTRONICS-TS68000CFN10 Datasheet
4Mb / 76P
HMOS 16/32-BIT MICROPROCESSOR
TS68000CFN16 STMICROELECTRONICS-TS68000CFN16 Datasheet
4Mb / 76P
HMOS 16/32-BIT MICROPROCESSOR
TS68000CFN8 STMICROELECTRONICS-TS68000CFN8 Datasheet
4Mb / 76P
HMOS 16/32-BIT MICROPROCESSOR
TS68000CP10 STMICROELECTRONICS-TS68000CP10 Datasheet
4Mb / 76P
HMOS 16/32-BIT MICROPROCESSOR
More results

Podobny opis - TS68040MFD/T33A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NEC
UPD705101 NEC-UPD705101 Datasheet
302Kb / 72P
32-BIT MICROPROCESSOR
logo
Samsung semiconductor
S3C2800 SAMSUNG-S3C2800 Datasheet
119Kb / 22P
32-BIT RISC MICROPROCESSOR
logo
NEC
V850E1 NEC-V850E1 Datasheet
1Mb / 226P
32-Bit Microprocessor Core
logo
NXP Semiconductors
SCC68070 PHILIPS-SCC68070 Datasheet
2Mb / 74P
16/32-bit microprocessor
November 1990
logo
Maxwell Technologies
80386DX MAXWELL-80386DX Datasheet
244Kb / 17P
32-Bit Microprocessor
logo
NEC
UPD30181 NEC-UPD30181 Datasheet
1Mb / 444P
64-/32-Bit Microprocessor
logo
Microsemi Corporation
LX1689 MICROSEMI-LX1689_06 Datasheet
302Kb / 14P
Third Generation CCFL Controller
logo
Integrated Device Techn...
ICS87002-05 IDT-ICS87002-05 Datasheet
706Kb / 12P
Third generation FemtoClock
logo
List of Unclassifed Man...
NUC502 ETC2-NUC502 Datasheet
5Mb / 266P
32-bit Microprocessor
logo
Nuvoton Technology Corp...
N9H20 NUVOTON-N9H20 Datasheet
1Mb / 60P
32-bit Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com