Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS68040MFD/T33A Arkusz danych(PDF) 46 Page - ATMEL Corporation

Numer części TS68040MFD/T33A
Szczegółowy opis  Third- Generation 32-bit Microprocessor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ATMEL [ATMEL Corporation]
Strona internetowa  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68040MFD/T33A Arkusz danych(HTML) 46 Page - ATMEL Corporation

Back Button TS68040MFD/T33A Datasheet HTML 41Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 42Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 43Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 44Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 45Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 46Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 47Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 48Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 49Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 46 / 49 page
background image
46
TS68040
2116A–HIREL–09/02
Ordering Information
MIL-STD-883 C and
Internal Standard
Notes:
1. On request.
2. Standard process.
3. Non request for small quantity.
DESC Drawing 5962-93143
Device
Temperature range:
M: Tc = -55; Tj = +125°C
V: Tc = -40; Tj = +110°C
Package:
F: CQFP/Gullwing leads
R: PGA
FT: CQFP Flat tie-bar(3)
Standard lead finish
Gold
Gold
Gold
TS68040
M
R
1B/C
25
A
Operating frequency:
25: 25 MHz
33: 33 MHz
Revision level
Screening level:
B/C: MIL-STD-883, class B
D/T: Internal standard with burn-in
U: Upscreening
U/T: Upscreening + burn-in
___: Internal standard
Lead finish:
1: Hot solder dip(1)
__: Gold(2)
Device
DESC Screening
Speed:
01: 25 MHz
02: 33 MHz
TS68040
DESC
01
XA
Lead finish:
A: Hot solder dip
C: Gold
Package:
X: PGA
Y: CQFP Flat tie-bar
Z: CQFP Gullwing leads
A
Revision level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com