Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS68040MFD/T33A Arkusz danych(PDF) 41 Page - ATMEL Corporation

Numer części TS68040MFD/T33A
Szczegółowy opis  Third- Generation 32-bit Microprocessor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ATMEL [ATMEL Corporation]
Strona internetowa  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68040MFD/T33A Arkusz danych(HTML) 41 Page - ATMEL Corporation

Back Button TS68040MFD/T33A Datasheet HTML 37Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 38Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 39Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 40Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 41Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 42Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 43Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 44Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 45Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 49 page
background image
41
TS68040
2116A–HIREL–09/02
Address Translation Cache
An integral part of the translation function previously described is the dual cache mem-
ory that stores recently used logical-to-physical address translation information (page
descriptors) for instruction and date accesses. These caches are 64-entry, four-way, set
associative. Each ATC compare the logical address of the incoming access against its
entries. If one of the entries matches, there is a hit, and the ATC sends the physical
address to the bus controller, which then starts the external bus cycle (provided there
was no hit in the corresponding cache for the access).
Translation Tables
The translation tables of the TS68040 have a three level tree structure and reside in
main memory. Since only a portion of the complete tree needs to exist at any one time,
the tree structure minimizes the amount of memory necessary to set up the tables for
most programs. As shown in Figure 20, either the user root pointer or the supervisor root
pointer points to the first level table, depending on the values of the function code for an
access. Table entries at the second level of the tree (pointer tables) contain pointers to
the third level (page tables). Entries in the page tables contain either page descriptors or
indirect pointers to page descriptors. The mechanism for performing table search opera-
tions uses portions of the logical address (as indices) at each level of the search. All
addresses in the translation table entries are physical addresses.
Figure 22. Translation Table Structure
There are two variations of table searches for both 4K and 8K page sizes: normal
searches and indirect searches. An indirect search differs in that the entry in the third
level page table contains a pointer to a page descriptor rather than the page descriptor
itself.
Entries in the translation tables contain control and status information on addition to the
physical address information. Control bits specify write protection, limit access to super-
visor only, and determine cachability of data in each memory page. Each page
descriptor also has two user-programmable bits that appear on the UPA0 and UPA1 sig-
nals during an external access for use as address modifier bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com