Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS68040MFD/T33A Arkusz danych(PDF) 13 Page - ATMEL Corporation

Numer części TS68040MFD/T33A
Szczegółowy opis  Third- Generation 32-bit Microprocessor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ATMEL [ATMEL Corporation]
Strona internetowa  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68040MFD/T33A Arkusz danych(HTML) 13 Page - ATMEL Corporation

Back Button TS68040MFD/T33A Datasheet HTML 9Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 10Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 11Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 12Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 13Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 14Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 15Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 16Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 49 page
background image
13
TS68040
2116A–HIREL–09/02
Thermal Characteristics in
Still Air
A sample size of three TS68040 packages was tested in free-air cooling with no heat
sink. Measurements showed that the average
Φ
JA was 22.8°C/W with a standard devia-
tion of 0.44°C/W. The test was performed with 3W of power being dissipated from within
the package. The test determined that
Φ
JA will decrease slightly for the increasing power
dissipation range possible. Therefore, since the variance in
Φ
JA within the possible
power dissipation range is negligible, it can be assumed for calculation purposes that
Φ
JA is valid at all power levels. Using the formulas introduced previously, Table 7 shows
the results of a maximum power dissipation of 3 and 5W with no heat sink or air-flow
(refer to Table 6 to calculate other power dissipation values).
As seen by looking at the ambient temperature results, most users will want to imple-
ment some type of thermal management to obtain a more reasonable maximum
ambient temperature.
Thermal Characteristics in
Forced Air
A sample size of three TS68040 packages was tested in forced air cooling in a wind tun-
nel with no heat sink. This test was performed with 3W of power being dissipated from
within the package. As previously mentioned, since the variance in
ΦJA within the possi-
ble power range is negligible, it can be assumed for calculation purposes that
Φ
JA is
constant at all power levels. Using the previous formulas, Table 8 shows the results of
the maximum power dissipation at 3 and 5W with air-flow and no heat sink (refer to
Table 6 to calculate other power dissipation values).
Table 7. Thermal Parameters With No Heat Sink or Air-flow
Defined Parameters
Measured
Calculated
P
D
T
J
Φ
JC
Φ
JA
Φ
CA = ΦJA - ΦJC
T
C = TJ - PD * ΦJC
T
A = TJ - PD * ΦJA
3 Watts
125°C
1°C/W
21.8°C/W
20.8°C/W
122°C
59.6°C
5 Watts
125°C
1°C/W
21.8°C/W
20.8°C/W
120°C
16°C
Table 8. Thermal Parameters With Forced Air Flow and No Heat Sink
Thermal Mgmt.
Technique
Defined Parameters
Measured
Calculated
Air-flow velocity
P
D
T
J
Φ
JC
Φ
JA
Φ
CA
T
C
T
A
100 LFM
3W
125°C
1°C/W
11.7°C/W
10.7°C/W
122°C
89.9°C
250 LFM
3W
125°C
1°C/W
10°C/W
9°C/W
122°C
95°C
500 LFM
3W
125°C
1°C/W
8.9°C/W
7.9°C/W
122°C
98.3°C
750 LFM
3W
125°C
1°C/W
8.5°C/W
7.5°C/W
122°C
99.5°C
1000 LFM
3W
125°C
1°C/W
8.3°C/W
7.3°C/W
122°C
100.1°C
100 LFM
5W
125°C
1°C/W
11.7°C/W
10.7°C/W
120°C
66.5°C
250 LFM
5W
125°C
1°C/W
10°C/W
9°C/W,
120°C
75°C
500 LFM
5W
125°C
1°C/W
8.9°C/W
7.9°C/W
120°C
80.5°C
750 LFM
5W
125°C
1°C/W
8.5°C/W
7.5°C/W
120°C
82.5°C
1000 LFM
5W
125°C
1°C/W
8.3°C/W
7.3°C/W
120°C
83.5°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com