Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HMC1032LP6GE Arkusz danych(PDF) 5 Page - Analog Devices

Numer części HMC1032LP6GE
Szczegółowy opis  CloCk Generator with FraCtional-N PLL & inteGrated VCo, 125 - 350 Mhz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

HMC1032LP6GE Arkusz danych(HTML) 5 Page - Analog Devices

  HMC1032LP6GE Datasheet HTML 1Page - Analog Devices HMC1032LP6GE Datasheet HTML 2Page - Analog Devices HMC1032LP6GE Datasheet HTML 3Page - Analog Devices HMC1032LP6GE Datasheet HTML 4Page - Analog Devices HMC1032LP6GE Datasheet HTML 5Page - Analog Devices HMC1032LP6GE Datasheet HTML 6Page - Analog Devices HMC1032LP6GE Datasheet HTML 7Page - Analog Devices HMC1032LP6GE Datasheet HTML 8Page - Analog Devices HMC1032LP6GE Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
5
HMC1032LP6GE
v01.0712
CloCk Generator with FraCtional-n Pll
& inteGrated VCo, 125 - 350 Mhz
Figure 4. integrated rMS Jitter [4]
-240
-230
-220
-210
-200
10
2
10
3
10
4
10
5
10
6
FREQUENCY OFFSET (Hz)
FOM Floor
FOM 1/f Noise
Typ FOM vs Offset
Figure 5. Figure of Merit
Figure 6. typical output Voltage
[1] the Pn plot is measured with a 50 MHz Crystal oscillator, rMs Jitter is 72 fs with 12 kHz to 20 MHz Integrated Bandwidth
[2] the Pn plot is measured with a 50 MHz Crystal oscillator, rMs Jitter is 120 fs with 12 kHz to 20 MHz Integrated Bandwidth
[3] Free running Phase noise @ fout = 350 MHz
[4] rMs Jitter data is measured in fractional mode with 100 kHz loop bandwidth using 50 MHz reference frequency from 1 kHz to 20 MHz integra-
tion bandwidth.
Figure 1. typical Closed loop
integer Phase noise @ 312.5 Mhz [1]
Figure 2. typical Closed loop
Fractional Phase noise @ 312.5 Mhz [2]
Figure 3. Free running Phase noise [3]
-180
-160
-140
-120
-100
-80
-60
1000
10000
100000
10
6
10
7
10
8
OFFSET (Hz)
50
100
150
200
250
300
100
200
300
400
500
-40C
27C
85C
OUTPUT FREQUENCY (MHz)
0
500
1000
1500
2000
2500
100
200
300
400
500
Gain Setting 11
Gain Setting 10
Gain Setting 01
Gain Setting 00
OUTPUT FREQUENCY (MHz)
-170
-160
-150
-140
-130
-120
1
10
100
1000
10000
100000
OFFSET (kHz)
-170
-160
-150
-140
-130
-120
1
10
100
1000
10000
100000
OFFSET (kHz)
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com