Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HMC1032LP6GE Arkusz danych(PDF) 1 Page - Analog Devices

Numer części HMC1032LP6GE
Szczegółowy opis  CloCk Generator with FraCtional-N PLL & inteGrated VCo, 125 - 350 Mhz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

HMC1032LP6GE Arkusz danych(HTML) 1 Page - Analog Devices

  HMC1032LP6GE Datasheet HTML 1Page - Analog Devices HMC1032LP6GE Datasheet HTML 2Page - Analog Devices HMC1032LP6GE Datasheet HTML 3Page - Analog Devices HMC1032LP6GE Datasheet HTML 4Page - Analog Devices HMC1032LP6GE Datasheet HTML 5Page - Analog Devices HMC1032LP6GE Datasheet HTML 6Page - Analog Devices HMC1032LP6GE Datasheet HTML 7Page - Analog Devices HMC1032LP6GE Datasheet HTML 8Page - Analog Devices HMC1032LP6GE Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
1
HMC1032LP6GE
v01.0712
CloCk Generator with FraCtional-n Pll
& inteGrated VCo, 125 - 350 Mhz
Functional diagram
Features
Frequency range: 125 - 350 MHz
75 fs rMs Jitter Generation (typical)
exceeds G.8251 & Gr-253-Core
Jitter speciications
-165 dBc/Hz Phase noise loor
Maximum Phase Detector rate 100 MHz
Figure of Merit (FoM) -227 dBc/Hz
24-Bit step size, resolution 3 Hz typical
exact Frequency Mode
Built-in Digital self test
40 lead 6x6mm sMt Package: 36mm2
typical applications
• 1G/10G ethernet line Cards
• otn and sonet/sDH applications
• High Frequency Processor Clocks
• any Frequency Clock Generation
• low Jitter saW oscillator replacement
• Fiber Channel Interface Clocks
• Cellular/4G Infrastructure
• DDs replacement
• optical Modules, transponders, line Cards
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Podobny numer części - HMC1032LP6GE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hittite Microwave Corpo...
HMC1032LP6GE HITTITE-HMC1032LP6GE Datasheet
931Kb / 12P
Clock Generator with Fractional-N PLL
More results

Podobny opis - HMC1032LP6GE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hittite Microwave Corpo...
HMC1032LP6GE HITTITE-HMC1032LP6GE Datasheet
931Kb / 12P
Clock Generator with Fractional-N PLL
logo
Analog Devices
HMC1034LP6GE AD-HMC1034LP6GE Datasheet
921Kb / 14P
CLOCK GENERATOR WITH FRACTIONAL-N PLL INTEGRATED VCO, 125 - 3000 MHz
HMC830LP6GE AD-HMC830LP6GE Datasheet
1Mb / 14P
Fractional-N PLL with Integrated VCO
HMC832A AD-HMC832A Datasheet
1Mb / 48P
Fractional-N PLL with Integrated VCO
Nov-2015
HMC764LP6CE AD-HMC764LP6CE Datasheet
1Mb / 14P
FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC765LP6CE AD-HMC765LP6CE Datasheet
1Mb / 14P
FRACTIONAL-N PLL WITH INTEGRATED VCO,
HMC767LP6CE AD-HMC767LP6CE Datasheet
1,020Kb / 8P
FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC807LP6CE AD-HMC807LP6CE Datasheet
1Mb / 14P
FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC826LP6CE AD-HMC826LP6CE Datasheet
682Kb / 10P
FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC837LP6CE AD-HMC837LP6CE Datasheet
777Kb / 12P
FRACTIONAL-N PLL WITH INTEGRATED VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com