Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HMC1032LP6GE Arkusz danych(PDF) 10 Page - Analog Devices

Numer części HMC1032LP6GE
Szczegółowy opis  CloCk Generator with FraCtional-N PLL & inteGrated VCo, 125 - 350 Mhz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

HMC1032LP6GE Arkusz danych(HTML) 10 Page - Analog Devices

Back Button HMC1032LP6GE Datasheet HTML 4Page - Analog Devices HMC1032LP6GE Datasheet HTML 5Page - Analog Devices HMC1032LP6GE Datasheet HTML 6Page - Analog Devices HMC1032LP6GE Datasheet HTML 7Page - Analog Devices HMC1032LP6GE Datasheet HTML 8Page - Analog Devices HMC1032LP6GE Datasheet HTML 9Page - Analog Devices HMC1032LP6GE Datasheet HTML 10Page - Analog Devices HMC1032LP6GE Datasheet HTML 11Page - Analog Devices HMC1032LP6GE Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
10
HMC1032LP6GE
v01.0712
CloCk Generator with FraCtional-n Pll
& inteGrated VCo, 125 - 350 Mhz
hMC1032lP6Ge output Stage
a representative schematic for the HMC1032lP6Ge output stage is given in Figure 11 below. the differential output
buffer features adjustable amplitudes which can be set by the “Gain setting” register values. the typical output
amplitudes that correspond to each setting are provided in Figure 6.
Figure 11. HMC1032LP6GE output stage
hMC1032lP6Ge application information
the HMC1032lP6Ge features a lexible output Frequency range (125 MHz to 350 MHz), industry leading phase noise
and phase jitter performance, excellent noise loor (<-170dBc/Hz), and a high level of integration. HMC1032lP6Ge is
ideal as a high frequency, low jitter processor clock, a clock source for high-frequency data converters or a reference
oscillator for Physical layer Devices (PHY).
Figure 12. HMC1032LP6GE in a typical transmit chain
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com