Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HMC1032LP6GE Arkusz danych(PDF) 6 Page - Analog Devices

Numer części HMC1032LP6GE
Szczegółowy opis  CloCk Generator with FraCtional-N PLL & inteGrated VCo, 125 - 350 Mhz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

HMC1032LP6GE Arkusz danych(HTML) 6 Page - Analog Devices

Back Button HMC1032LP6GE Datasheet HTML 2Page - Analog Devices HMC1032LP6GE Datasheet HTML 3Page - Analog Devices HMC1032LP6GE Datasheet HTML 4Page - Analog Devices HMC1032LP6GE Datasheet HTML 5Page - Analog Devices HMC1032LP6GE Datasheet HTML 6Page - Analog Devices HMC1032LP6GE Datasheet HTML 7Page - Analog Devices HMC1032LP6GE Datasheet HTML 8Page - Analog Devices HMC1032LP6GE Datasheet HTML 9Page - Analog Devices HMC1032LP6GE Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
6
HMC1032LP6GE
v01.0712
CloCk Generator with FraCtional-n Pll
& inteGrated VCo, 125 - 350 Mhz
-234
-232
-230
-228
-226
-224
-222
-220
14 MHz Square Wave
25 MHz Square Wave
50 MHz Square Wave
100 MHz Square Wave
REFERENCE Input (mVpp)
100
200
400
Figure 7. reference input
Sensitivity, Square wave [5]
[5] Measured from a 50 Ω source with a 100 Ω external resistor termination. see
Pll with Integrated rF VCos operating Guide refer-
ence Input stage section for more details. Full FoM performance up to maximum 3.3 Vpp input voltage.
[6] Measured from a 50 Ω source with a 100 Ω external resistor termination. see
Pll with Integrated rF VCos operating Guide refer-
ence Input stage section for more details. Full FoM performance up to maximum 3.3 Vpp input voltage.
Figure 8. reference input
Sensitivity Sinusoid wave [6]
-235
-230
-225
-220
-215
-210
-205
-200
14 MHz sin
25 MHz sin
50 MHz sq
100 MHz sq
REFERENCE Input (mVpp)
100
200
400
800
Figure 9. output rise time
0
50
100
150
100
150
200
250
300
350
Gain Setting 11
Gain Setting 00
FREQUENCY (MHz)
loop Filter
BW (kHz)
C1
(pF)
C2
(nF)
C3
(pF)
C4
(pF)
r2
(kΩ)
r3
(kΩ)
r4
(kΩ)
loop Filter Design
250
3.9
15
n/a
n/a
2.7
0
0
135
91
33
91
91
0.82
1
1
74
150
27
220
220
0.82
1
1
loop Filter Coniguration table
Figure 10. output Fall time
0
50
100
150
200
100
150
200
250
300
350
Gain 11
Gain 00
FREQUENCY (MHz)
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com