Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HMC1032LP6GE Arkusz danych(PDF) 8 Page - Analog Devices

Numer części HMC1032LP6GE
Szczegółowy opis  CloCk Generator with FraCtional-N PLL & inteGrated VCo, 125 - 350 Mhz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

HMC1032LP6GE Arkusz danych(HTML) 8 Page - Analog Devices

Back Button HMC1032LP6GE Datasheet HTML 4Page - Analog Devices HMC1032LP6GE Datasheet HTML 5Page - Analog Devices HMC1032LP6GE Datasheet HTML 6Page - Analog Devices HMC1032LP6GE Datasheet HTML 7Page - Analog Devices HMC1032LP6GE Datasheet HTML 8Page - Analog Devices HMC1032LP6GE Datasheet HTML 9Page - Analog Devices HMC1032LP6GE Datasheet HTML 10Page - Analog Devices HMC1032LP6GE Datasheet HTML 11Page - Analog Devices HMC1032LP6GE Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
8
HMC1032LP6GE
v01.0712
CloCk Generator with FraCtional-n Pll
& inteGrated VCo, 125 - 350 Mhz
Pin descriptions
Pin number
Function
Description
1
aVDD
DC Power supply for analog circuitry.
2, 5, 6, 8, 9,
11 - 14, 18 - 22, 24,
26, 34, 37, 38
n/C
the pins are not connected internally; however, all data shown herein
was measured with these pins connected to rF/DC ground externally.
3
VPPCP
Power supply for charge pump analog section
4
CP
Charge Pump output
7
VDDls
Power supply for the charge pump digital section
10
rVDD
reference supply
15
XreFP
reference oscillator Input
16
DVDD3V
DC Power supply for Digital (CMos) Circuitry
17
Cen
Chip enable. Connect to logic high for normal operation.
23
VtUne
VCo Varactor. tuning Port Input.
25
VCC2
VCo analog supply 2
27
VCC1
VCo analog supply 1
28
rF_n
negative output signal (Differential)
29
rF_P
Positive output signal (Differential) (Default = off; single-ended operation)
30
sen
Pll serial Port enable (CMos) logic Input
31
sDI
Pll serial Port Data (CMos) logic Input
32
sCk
Pll serial Port Clock (CMos) logic Input
33
lD_sDo
lock Detect, or serial Data, or General Purpose (CMos) logic output (GPo)
35
VCCHF
DC Power supply for analog Circuitry
36
VCCPs
DC Power supply for analog Prescaler
39
VCCPD
DC Power supply for Phase Detector
40
BIas
external bypass decoupling for precision bias circuits.
note: 1.920V ±20mV reference voltage (BIas) is generated internally and cannot
drive an external load. Must be measured with 10GΩ meter such as agilent 34410a,
normal 10MΩ DVM will read erroneously.
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com