| Zakładka z wyszukiwarką danych komponentów |
|
LPC47M14X Arkusz danych(PDF) 110 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
LPC47M14X Arkusz danych(HTML) 110 Page - SMSC Corporation |
|
110 / 205 page ![]() SMSC DS – LPC47M14X Page 110 Rev. 03/19/2001 6.14 GENERAL PURPOSE I/O The LPC47M14x provides a set of flexible Input/Output control functions to the system designer through the 37 dedicated independently programmable General Purpose I/O pins (GPIO). The GPIO pins can perform basic I/O and many of them can be individually enabled to generate an SMI and a PME. 6.14.1 GPIO Pins The following pins include GPIO functionality. These pins are defined in the table below. All GPIOs default to the GPIO function except for GP34 and GP35 which default to IRRX2 and IRTX2. PIN NAME 1 GP40 /DRVDEN0 2 GP41 /DRVDEN1 /EETI 17 GP42 /nIO_PME 28 GP43/DDRC/EETI 32 GP10 /J1B1 33 GP11 /J1B2 34 GP12 /J2B1 35 GP13 /J2B2 36 GP14 /J1X 37 GP15 /J1Y 38 GP16 /J2X 39 GP17 /J2Y 41 GP20 /P17 42 GP21 /P16 /EETI 43 GP22 /P12 /EETI 45 GP24 (SYSOPT) 46 GP25 /MIDI_IN 47 GP26 /MIDI_OUT 48 GP60 /LED1 /EETI 49 GP61 /LED2 /EETI 50 GP27/nIO_SMI 51 GP30 /FAN_TACH2 52 GP31 /FAN_TACH1 54 GP32 /FAN2 55 GP33 /FAN1 61 IRRX2/GP34 62 IRTX2/GP35 63 GP36 /nKBDRST 64 GP37 /A20M 92 GP50 /nRI2 94 GP51 /nDCD2 95 GP52 /RXD2 96 GP53 /TXD2 97 GP54 /nDSR2 98 GP55 /nRTS2 99 GP56 /nCTS2 100 GP57 /nDTR2 |