Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32L031C4U6SDTR Arkusz danych(PDF) 110 Page - STMicroelectronics

Numer części STM32L031C4U6SDTR
Szczegółowy opis  Access line ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, up to 32KB Flash, 8KB SRAM, 1KB EEPROM, ADC
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L031C4U6SDTR Arkusz danych(HTML) 110 Page - STMicroelectronics

Back Button STM32L031C4U6SDTR Datasheet HTML 106Page - STMicroelectronics STM32L031C4U6SDTR Datasheet HTML 107Page - STMicroelectronics STM32L031C4U6SDTR Datasheet HTML 108Page - STMicroelectronics STM32L031C4U6SDTR Datasheet HTML 109Page - STMicroelectronics STM32L031C4U6SDTR Datasheet HTML 110Page - STMicroelectronics STM32L031C4U6SDTR Datasheet HTML 111Page - STMicroelectronics STM32L031C4U6SDTR Datasheet HTML 112Page - STMicroelectronics STM32L031C4U6SDTR Datasheet HTML 113Page - STMicroelectronics STM32L031C4U6SDTR Datasheet HTML 114Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 126 page
background image
Package information
STM32L031x4/6
110/126
DS10668 Rev 6
Figure 47. UFQFPN28 recommended footprint
1. Dimensions are expressed in millimeters.
b
0.200
0.250
0.300
0.0079
0.0098
0.0118
e
-
0.500
-
-
0.0197
-
1. Values in inches are converted from mm and rounded to 4 decimal digits.
Table 73. UFQPN28 - 28-lead, 4 x 4 mm, 0.5 mm pitch, ultra thin fine pitch quad flat
package mechanical data(1) (continued)
Symbol
millimeters
inches
Min
Typ
Max
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More