Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32L031C4U6SDTR Arkusz danych(PDF) 112 Page - STMicroelectronics

Numer części STM32L031C4U6SDTR
Szczegółowy opis  Access line ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, up to 32KB Flash, 8KB SRAM, 1KB EEPROM, ADC
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L031C4U6SDTR Arkusz danych(HTML) 112 Page - STMicroelectronics

Back Button STM32L031C4U6SDTR Datasheet HTML 108Page - STMicroelectronics STM32L031C4U6SDTR Datasheet HTML 109Page - STMicroelectronics STM32L031C4U6SDTR Datasheet HTML 110Page - STMicroelectronics STM32L031C4U6SDTR Datasheet HTML 111Page - STMicroelectronics STM32L031C4U6SDTR Datasheet HTML 112Page - STMicroelectronics STM32L031C4U6SDTR Datasheet HTML 113Page - STMicroelectronics STM32L031C4U6SDTR Datasheet HTML 114Page - STMicroelectronics STM32L031C4U6SDTR Datasheet HTML 115Page - STMicroelectronics STM32L031C4U6SDTR Datasheet HTML 116Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 126 page
background image
Package information
STM32L031x4/6
112/126
DS10668 Rev 6
7.6
WLCSP25 package information
Figure 49. WLCSP25 - 2.097 x 2.493 mm, 0.400 mm pitch wafer level chip scale
package outline
Table 74. WLCSP25 - 2.097 x 2.493 mm, 0.400 mm pitch wafer level chip scale
mechanical data
Symbol
Milimeters
Inches(1)
Min
Typ
Max
Min
Typ
Max
A
0.525
0.555
0.585
0.0207
0.0219
0.0230
A1
-
0.175
-
-
0.0069
-
A2
-
0.380
-
-
0.0150
-
A3(2)
-
0.025
-
-
0.0010
-
b(3)
0.220
0.250
0.280
0.0087
0.0098
0.0110
D
2.062
2.097
2.132
0.0812
0.0826
0.0839
E
2.458
2.493
2.528
0.0968
0.0981
0.0995
e
-
0.400
-
-
0.0157
-
e1
-
1.600
-
-
0.0630
-
e2
-
1.600
-
-
0.0630
-
F
-
0.2485
-
-
0.0098
-
G
-
0.4465
-
-
0.0176
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More