Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST25R3916 Arkusz danych(PDF) 14 Page - STMicroelectronics

Numer części ST25R3916
Szczegółowy opis  High performance NFC universal device and EMVCo™ reader
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3916 Arkusz danych(HTML) 14 Page - STMicroelectronics

Back Button ST25R3916 Datasheet HTML 10Page - STMicroelectronics ST25R3916 Datasheet HTML 11Page - STMicroelectronics ST25R3916 Datasheet HTML 12Page - STMicroelectronics ST25R3916 Datasheet HTML 13Page - STMicroelectronics ST25R3916 Datasheet HTML 14Page - STMicroelectronics ST25R3916 Datasheet HTML 15Page - STMicroelectronics ST25R3916 Datasheet HTML 16Page - STMicroelectronics ST25R3916 Datasheet HTML 17Page - STMicroelectronics ST25R3916 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 157 page
background image
Description
ST25R3916/7
14/157
DS12484 Rev 4
Figure 2. Minimum system configuration - Differential antenna driving
MS49942V3
Antenna coil
MCU
+2.4 to +5.5 V
+1.65 to +5.5 V
VDD
VDD_TX
BSS
MISO
MOSI
SCLK
IRQ
MCU_CLK
RF01
RF02
RFI1
RFI2
ST25R3916/7
AGD
VSS
CSI
VDD_A
VDD_AM
GND_A
VDD_IO
XTI
XTO
VDD_D
GND_D
GND_DR GND_DR
CSO
AAT_A
AAT_B
I2C_EN
EXT_LM
VDD_RF
VDD_DR
Connect to GND (SPI)
or VDD_D (I2C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More