Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32L010R8 Arkusz danych(PDF) 8 Page - STMicroelectronics

Numer części STM32L010R8
Szczegółowy opis  Value line ultra-low-power 32-bit MCU Arm®-based Cortex®-M0,64-Kbyte Flash memory, 8-Kbyte SRAM, 256-byte EEPROM, ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L010R8 Arkusz danych(HTML) 8 Page - STMicroelectronics

Back Button STM32L010R8 Datasheet HTML 4Page - STMicroelectronics STM32L010R8 Datasheet HTML 5Page - STMicroelectronics STM32L010R8 Datasheet HTML 6Page - STMicroelectronics STM32L010R8 Datasheet HTML 7Page - STMicroelectronics STM32L010R8 Datasheet HTML 8Page - STMicroelectronics STM32L010R8 Datasheet HTML 9Page - STMicroelectronics STM32L010R8 Datasheet HTML 10Page - STMicroelectronics STM32L010R8 Datasheet HTML 11Page - STMicroelectronics STM32L010R8 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 92 page
background image
Introduction
STM32L010K8 STM32L010R8
8/92
DS12325 Rev 3
1
Introduction
The STM32L010K8/R8 ultra-low-power microcontrollers are part of the STM32L010 value
line.
The STM32L010K8/R8 features make these ultra-low-power microcontrollers suitable for a
wide range of applications:
•
gas/water meters and industrial sensors
•
healthcare and fitness equipment
•
remote control and user interfaces
•
PC peripherals, gaming, GPS equipment
•
alarm systems, wired and wireless sensors, video intercom
This datasheet must be read in conjunction with the STM32L010 value line reference
manual (RM0451).
For information on the Arm®(a) Cortex®-M0+ core, refer to the Cortex®-M0+ Technical
Reference Manual, available from the www.arm.com website.
Figure 1 shows the general block diagram of the STM32L010K8/R8.
a. Arm is a registered trademark of Arm Limited (or its subsidiaries) in the US and/or elsewhere.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92