| Zakładka z wyszukiwarką danych komponentów |
|
HC705C9AGRS/D Arkusz danych(PDF) 149 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705C9AGRS/D Arkusz danych(HTML) 149 Page - NXP Semiconductors |
|
149 / 157 page ![]() MC68HC705C9A — Rev. 2.0 Ordering Information General Release Specification — MC68HC705C9A Section 14. Ordering Information 14.1 Contents 14.2 Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .149 14.3 MC Order Numbers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .149 14.2 Introduction This section contains ordering information for the available package types. 14.3 MC Order Numbers Table 14-1 shows the MC order numbers for the available package types. Table 14-1. MC Order Numbers Package Type Temperature Range Order Number 40-Pin Plastic Dual In-Line Package (DIP) –40 °C to 85°C MC68HC705C9ACP 42-Pin Shrink Dual In-Line Package (SDIP) –40 °C to 85°C MC68HC705C9ACB 44-Lead Plastic Leaded Chip Carrier (PLCC) –40 °C to 85°C MC68HC705C9ACFN 44-Pin Quad Flat Pack (QFP) –40 °C to 85°C MC68HC705C9ACFB NOTES: 1. P = Plastic dual in-line package (PDIP) 2. B = Shrink dual in-line package (SDIP) 3. FN = Plastic-leaded chip carrier (PLCC) 4. FB = Quad flat pack (QFP) Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |