| Zakładka z wyszukiwarką danych komponentów |
|
HC705C9AGRS/D Arkusz danych(PDF) 40 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705C9AGRS/D Arkusz danych(HTML) 40 Page - NXP Semiconductors |
|
40 / 157 page ![]() General Release Specification I/O Registers MC68HC705C9A — Rev. 2.0 Memory ADDR REGISTER ACCESS BIT 7 BIT 6 BIT 5 BIT 4 BIT 3 BIT 2 BIT 1 BIT 0 $0010 SCSR READ: TDRE TC RDRF IDLE OR NF FE WRITE: $0011 SCDR READ: SCD7 SCD6 SCD5 SCD4 SCD3 SCD2 SCD1 SCD0 WRITE: $0012 TCR READ: ICIE OCIE TOIE 0 0 0 IEDG OLVL WRITE: $0013 TSR READ: ICF OCF TOF 0 0 0 0 0 WRITE: $0014 ICRH READ: BIT15 BIT14 BIT13 BIT12 BIT11 BIT10 BIT9 BIT8 WRITE: $0015 ICRL READ: BIT7 BIT6 BIT5 BIT4 BIT3 BIT2 BIT1 BIT0 WRITE: $0016 OCRH READ: BIT15 BIT14 BIT13 BIT12 BIT11 BIT10 BIT9 BIT8 WRITE: $0017 OCRL READ: BIT7 BIT6 BIT5 BIT4 BIT3 BIT2 BIT1 BIT0 WRITE: $0018 TRH READ: BIT15 BIT14 BIT13 BIT12 BIT11 BIT10 BIT9 BIT8 WRITE: $0019 TRL READ: BIT7 BIT6 BIT5 BIT4 BIT3 BIT2 BIT1 BIT0 WRITE: $001A ATRH READ: BIT15 BIT14 BIT13 BIT12 BIT11 BIT10 BIT9 BIT8 WRITE: $001B ATRL READ: BIT7 BIT6 BIT5 BIT4 BIT3 BIT2 BIT1 BIT0 WRITE: $001C EPR READ: LATCH EPGM WRITE: $001D C9A COPRST (C9A Only) READ: WRITE: BIT7 BIT6 BIT5 BIT4 BIT3 BIT2 BIT1 BIT0 $001E C9A COPCR (C9A Only) READ: 0 0 0 COPF CME COPE CM1 CM0 WRITE: $001F RESERVED READ: WRITE: Figure 2-5. I/O Register Map Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |