| Zakładka z wyszukiwarką danych komponentów |
|
HC705C9AGRS/D Arkusz danych(PDF) 81 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705C9AGRS/D Arkusz danych(HTML) 81 Page - NXP Semiconductors |
|
81 / 157 page ![]() General Release Specification Features MC68HC705C9A — Rev. 2.0 Serial Communications Interface (SCI) Figure 9-1. Serial Communications Interface Block Diagram NOTE: The serial communications data register (SCI SCDR) is controlled by the internal R/W signal. It is the transmit data register when written to and the receive data register when read. + + INTERNAL BUS SCI INTERRUPT TRANSMIT RECEIVE TDO PIN RDI TRANSMITTER CONTROL RECEIVER CONTROL CLOCK PIN RECEIVER FLAG CONTROL DATA DATA TIE TCIE RIE ILIE TE RE SBK RWU 7 6 5 4 3 2 1 0 $000F SCCR2 SCSR $0010 SCCR1 $000E TRDE TC RDRF IDLE OR NF FE TE SBK $0011 R8 T8 M WAKE 0 1 2 4 3 6 5 7 765 2 3 4 1 WAKEUP UNIT RECEIVE DATA SHIFT REGISTER TRANSMIT DATA SHIFT REGISTER $0011 7 &&&& REGISTER REGISTER Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |