| Zakładka z wyszukiwarką danych komponentów |
|
HC705C9AGRS/D Arkusz danych(PDF) 71 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705C9AGRS/D Arkusz danych(HTML) 71 Page - NXP Semiconductors |
|
71 / 157 page ![]() General Release Specification Timer I/O Registers MC68HC705C9A — Rev. 2.0 Capture/Compare Timer OCIE — Output Compare Interrupt Enable This read/write bit enables interrupts caused by an active signal on the TCMP pin. Resets clear the OCIE bit. 1 = Output compare interrupts enabled 0 = Output compare interrupts disabled TOIE — Timer Overflow Interrupt Enable This read/write bit enables interrupts caused by a timer overflow. Reset clear the TOIE bit. 1 = Timer overflow interrupts enabled 0 = Timer overflow interrupts disabled IEDG — Input Edge The state of this read/write bit determines whether a positive or negative transition on the TCAP pin triggers a transfer of the contents of the timer register to the input capture register. Resets have no effect on the IEDG bit. 1 = Positive edge (low to high transition) triggers input capture 0 = Negative edge (high to low transition) triggers input capture OLVL — Output Level The state of this read/write bit determines whether a logic one or logic zero appears on the TCMP pin when a successful output compare occurs. Resets clear the OLVL bit. 1 = TCMP goes high on output compare 0 = TCMP goes low on output compare Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |