Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HC705C9AGRS/D Arkusz danych(PDF) 73 Page - NXP Semiconductors

Numer części HC705C9AGRS/D
Szczegółowy opis  General Release Specification
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705C9AGRS/D Arkusz danych(HTML) 73 Page - NXP Semiconductors

Back Button HC705C9AGRS/D Datasheet HTML 69Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 70Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 71Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 72Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 73Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 74Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 75Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 76Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 77Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 157 page
background image
General Release Specification
Timer I/O Registers
MC68HC705C9A — Rev. 2.0
Capture/Compare Timer
8.4.3 Timer Registers (TRH and TRL)
The timer registers, shown in Figure 8-4, contains the current high and
low bytes of the 16-bit counter. Reading TRH before reading TRL
causes TRL to be latched until TRL is read. Reading TRL after reading
the timer status register clears the timer overflow flag (TOF). Writing to
the timer registers has no effect.
Figure 8-4. Timer Registers (TRH and TRL)
TRH
$0018
Bit 7
6
5
4
3
2
1
Bit 0
Read:
BIT15
BIT14
BIT13
BIT12
BIT11
BIT10
BIT9
BIT8
Write
Reset:
11111111
TRL
$0019
Bit 7
6
5
4
3
2
1
Bit 0
Read:
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
Write:
Reset:
11111100
= Unimplemented
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More