Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MP8830 Arkusz danych(PDF) 13 Page - Exar Corporation

Numer części MP8830
Szczegółowy opis  Triple 10-bit High Speed Analog-to-Digital Converter with Digitally Controlled References
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  EXAR [Exar Corporation]
Strona internetowa  http://www.exar.com
Logo EXAR - Exar Corporation

MP8830 Arkusz danych(HTML) 13 Page - Exar Corporation

Back Button MP8830 Datasheet HTML 9Page - Exar Corporation MP8830 Datasheet HTML 10Page - Exar Corporation MP8830 Datasheet HTML 11Page - Exar Corporation MP8830 Datasheet HTML 12Page - Exar Corporation MP8830 Datasheet HTML 13Page - Exar Corporation MP8830 Datasheet HTML 14Page - Exar Corporation MP8830 Datasheet HTML 15Page - Exar Corporation MP8830 Datasheet HTML 16Page - Exar Corporation MP8830 Datasheet HTML 17Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
MP8830
13
Rev. 1.00
PIN OUT DEFINITIONS
Pin #
Pin Name
Function
1, 44
DVDD(2)
Digital positive power supplies. 5 V. Should be decoupled to digital GND plane. The two
DVDD pins both connect to the ESD ring as well as the control logic, data port logic, and the
internal ADC output data bus drivers.
43, 64
DGND (2)
Digital negative power supplies. 0 V. The two DGND pins both connect to the ESD ring as
well as the control logic and data port logic.
31
24
17
47
AVDD,
BVDD,
CVDD,
VDD3
Analog positive power supplies. 5 V. Should be star connected to the analog supply post or
direct connection to analog supply plane. Decouple to AGND, BGND, CGND. VDD3 powers
the ADC internal logic only.
36
30
23
46
AGND1,
BGND1,
CGND1,
GND3
Analog negative power supplies. 0 V. Should be star connected to analog ground post or
direct connection to the analog ground plane. These GNDs power the analog sections of the
ADC and the circuitry in the DACs. GND3 pin connects to the internal ADC data bus and the
ADC internal logic.
32
28
21
AGND2,
BGND2,
CGND2
Analog grounds related to DAC bias are the common voltage for the reference. The ADC
ladder resistor terminates to this pin as well as the internal bias resistor used for setting the
DAC reference. These pins should be used as the reference ground voltage for all analog
measurements.
52
AENL
Channel A data clock, active low. A DAC data loaded into first register bank on the falling
edge of AENL.
51
BENL
Channel B data clock, active low. B DAC data loaded into the first register on the falling edge
of BENL. B ADC data loaded to the ADC output port on falling edge (and should be read on
the rising edge).
50
CENL
Channel C data clock, active low. C DAC data loaded into the first register on the falling edge
of CENL. C ADC data loaded to the ADC output port on falling edge (and should be read on
the rising edge).
53
CVL
Cycle clock. All DACs loaded on rising edge. Begin sample of analog input on rising edge. A
ADC data is loaded to the ADC output port on the rising edge of CVL (and should be read on
the rising edge of AENL).
48
CREN
Pass through mode enable. When CREN is high, passthrough mode between the ADC and
DAC ports is enabled. RNW controls the direction of pass through operation.
49
RNW
READ not WRITE signal. RNW controls the direction of the pass through operation when
CREN is high and has no impact when CREN is low. When RNW is high data passes from
the DAC port to the ADC port. When RNW is low, data passes from the ADC port to the DAC
port. Note, the port connections are: CD5; AD0; CD6; AD1;......;CD14; AD9.
39
VINMX
Analog mux control. VINMX controls the analog mux on the input of all three ADCs. When
VINMX is high, all ADC inputs are connected to VCAL. When low, each ADC is connected to
its particular analog input pin.
45
FAST
Fast mode enable. The FAST pin controls the mode of the ADCs. When low, the part func-
tions as specified for 10-bit resolution. When high, the ADC’s resolution becomes 4-bit and
the LSBs are forced low. The clock rate can be increased in this mode to 3 MHz.
37
ACLP
Clamp voltage A. Black level clamp pin for the A channel.
29
BCLP
Clamp voltage B. Black level clamp pin for the B channel.
22
CCLP
Clamp voltage C. Black level clamp pin for the C channel.
41
DCL
Black level clamp control (active low). Black level clamp enable for all pins. All Black level
clamps are turned on when DCL is low.
35
AAN
A channel analog input.
27
BAN
B channel analog input.
20
CAN
C channel analog input.
38
VCAL
Calibration input voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com