Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MP8830 Arkusz danych(PDF) 19 Page - Exar Corporation

Numer części MP8830
Szczegółowy opis  Triple 10-bit High Speed Analog-to-Digital Converter with Digitally Controlled References
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  EXAR [Exar Corporation]
Strona internetowa  http://www.exar.com
Logo EXAR - Exar Corporation

MP8830 Arkusz danych(HTML) 19 Page - Exar Corporation

Back Button MP8830 Datasheet HTML 12Page - Exar Corporation MP8830 Datasheet HTML 13Page - Exar Corporation MP8830 Datasheet HTML 14Page - Exar Corporation MP8830 Datasheet HTML 15Page - Exar Corporation MP8830 Datasheet HTML 16Page - Exar Corporation MP8830 Datasheet HTML 17Page - Exar Corporation MP8830 Datasheet HTML 18Page - Exar Corporation MP8830 Datasheet HTML 19Page - Exar Corporation MP8830 Datasheet HTML 20Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
MP8830
19
Rev. 1.00
A
––
3.15
––
0.124
A1
0.25
––
0.01
––
A2
2.6
2.8
0.102
0.110
B
0.3
0.4
0.012
0.016
C
0.13
0.23
0.005
0.009
D
16.95
17.45
0.667
0.687
D1
13.9
14.1
0.547
0.555
e
0.80 BSC
0.0315 BSC
L
0.65
1.03
0.026
0.040
α
0
°
7
°
0
°
7
°
Coplanarity = 4 mil max.
64 LEAD PLASTIC QUAD FLAT PACK
(14mm x 14mm PQFP, METRIC)
Q64
SYMBOL
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
48
33
32
17
116
49
64
D
D1
D
D1
B
e
A2
C
L
α
A1
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com