Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MP8830 Arkusz danych(PDF) 3 Page - Exar Corporation

Numer części MP8830
Szczegółowy opis  Triple 10-bit High Speed Analog-to-Digital Converter with Digitally Controlled References
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  EXAR [Exar Corporation]
Strona internetowa  http://www.exar.com
Logo EXAR - Exar Corporation

MP8830 Arkusz danych(HTML) 3 Page - Exar Corporation

  MP8830 Datasheet HTML 1Page - Exar Corporation MP8830 Datasheet HTML 2Page - Exar Corporation MP8830 Datasheet HTML 3Page - Exar Corporation MP8830 Datasheet HTML 4Page - Exar Corporation MP8830 Datasheet HTML 5Page - Exar Corporation MP8830 Datasheet HTML 6Page - Exar Corporation MP8830 Datasheet HTML 7Page - Exar Corporation MP8830 Datasheet HTML 8Page - Exar Corporation MP8830 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
MP8830
3
Rev. 1.00
PIN OUT DEFINITIONS
1DVDD
Digital Positive Power Supply
2
CD14
DAC Input Pin 14
3
CD13
DAC Input Pin 13
4
CD12
DAC Input Pin 12
5
CD11
DAC Input Pin 11
6
CD10
DAC Input Pin 10
7
CD9
DAC Input Pin 9
8
CD8
DAC Input Pin 8
9
CD7
DAC Input Pin 7
10
CD6
DAC Input Pin 6
11
CD5
DAC Input Pin 5
12
CD4
DAC Input Pin 4
13
CD3
DAC Input Pin 3
14
CD2
DAC Input Pin 2
15
CD1
DAC Input Pin 1
16
CD0
DAC Input Pin 0
17
CVDD
Analog Positive Power Supply
18
CSENS
Sensing Voltage for Biasing the
C Channel
19
CFORC
Forcing Voltage for Biasing the
C Channel
20
CAN
C Channel Analog Input
21
CGND2
Analog Ground Related to
DAC Bias
22
CCLP
Clamp Voltage C
23
CGND1
Analog Negative Power Supply
24
BVDD
Analog Positive Power Supply
25
BSENS
Sensing Voltage for Biasing the
B Channel
26
BFORC
Forcing Voltage for Biasing the
B Channel
27
BAN
B Channel Analog Input
28
BGND2
Analog Ground Related to
DAC Bias
29
BCLP
Clamp Voltage B
30
BGND1
Analog Negative Power Supply
31
AVDD
Analog Positive Power Supply
32
AGND2
Analog Ground Related to
DAC Bias
PIN NO.
NAME
DESCRIPTION
33
ASENS
Sensing Voltage for Biasing the
A Channel
34
AFORC
Forcing Voltage for Biasing the
A Channel
35
AAN
A Channel Analog Input
36
AGND1
Analog Negative Power Supply
37
ACLP
Clamp Voltage A
38
VCAL
Calibration Input Voltage
39
VINMX
Analog Mux Control
40
DGND
Digital Negative Power Supply
41
DCL
Black Level Clamp Control
(Active Low)
42
N/C
No Connection
43
DGND
Digital Negative Power Supply
44
DVDD
Digital Positive Power Supply
45
FAST
FAST Mode Enable
46
GND3
Analog Negative Power Supply
47
VDD3
Analog Positive Power Supply
48
CREN
Pass Through Mode Enable
49
RNW
READ not WRITE
50
CENL
Channel C Data Clock
51
BENL
Channel B Data Clock
52
AENL
Channel A Data Clock
53
CVL
Cycle Clock
54
AD9
ADC Data Output 9
55
AD8
ADC Data Output 8
56
AD7
ADC Data Output 7
57
AD6
ADC Data Output 6
58
AD5
ADC Data Output 5
59
AD4
ADC Data Output 4
60
AD3
ADC Data Output 3
61
AD2
ADC Data Output 2
62
AD1
ADC Data Output 1
63
AD0
ADC Data Output 0
64
DGND
Digital Negative Power Supply
PIN NO.
NAME
DESCRIPTION
Note: All digital signals are active high unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com