Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MP8830 Arkusz danych(PDF) 7 Page - Exar Corporation

Numer części MP8830
Szczegółowy opis  Triple 10-bit High Speed Analog-to-Digital Converter with Digitally Controlled References
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  EXAR [Exar Corporation]
Strona internetowa  http://www.exar.com
Logo EXAR - Exar Corporation

MP8830 Arkusz danych(HTML) 7 Page - Exar Corporation

Back Button MP8830 Datasheet HTML 3Page - Exar Corporation MP8830 Datasheet HTML 4Page - Exar Corporation MP8830 Datasheet HTML 5Page - Exar Corporation MP8830 Datasheet HTML 6Page - Exar Corporation MP8830 Datasheet HTML 7Page - Exar Corporation MP8830 Datasheet HTML 8Page - Exar Corporation MP8830 Datasheet HTML 9Page - Exar Corporation MP8830 Datasheet HTML 10Page - Exar Corporation MP8830 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
MP8830
7
Rev. 1.00
ABSOLUTE MAXIMUM RATINGS (TA = +25
°C unless otherwise noted) 1, 2
AVDD to GND
6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DVDD to GND
6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
AVDD – DVDD
150 mV DC
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
All Inputs
VDD +0.5 to GND –0.5 V
. . . . . . . . . . . . . . . . . . . . .
Storage Temperature
–65
°C to 150°C
. . . . . . . . . . . . . . . . . .
Lead Temperature
300
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
ESD Rating
2000 V on all pins.
. . . . . . . . . . . . . . . . . . . . . . . . .
Package Power Dissipation Rating @ 75
°C
PQFP
1100 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Derates above 75
°C
15 mW/
°C
. . . . . . . . . . . . . . . . . . . . .
TJMAX
150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NOTES:
1
Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a
stress rating only and functional operation at or above this specification is not implied. Exposure to maximum rating
conditions for extended periods may affect device reliability.
2
Any input pin which can see a value outside the absolute maximum ratings should be protected by Schottky diode clamps
(HP5082-2835) from input pin to the supplies.
All logic inputs have protection diodes which will protect the device from
short transients outside the supplies of less than 100mA for less than 100
µs.
TRUTH TABLE
Function
CVL
AENL
BENL
CENL
CREN
RNW
VINMX
FAST
DCL
Start AIN tracking
↑
1
1
1
0
X
0
X
X
Sample AIN
1
↑
1
1
0
X
0
X
X
MSB convert
0
1
0
1
0
X
0
X
X
LSB convert
0
1
1
0
0
X
0
X
X
Output A ADC data from
previous sample
↑
1
1
1
0
X
0
X
X
Output B ADC data from
previous sample
X
1
↓
1
0
X
0
X
X
Output C ADC data from previous
sample
X
1
1
↓
0
X
0
X
X
Load channel A data to first A DAC
register
X
↓
1
1
0
X
0
X
X
Load channel B data to first B DAC
register
X
1
↓
1
0
X
0
X
X
Load channel C data to first C DAC
register
X
1
1
↓
0
X
0
X
X
Update second register for all DACs
↑
1
1
1
0
X
0
X
X
Turn on all black level clamp switches
X
X
X
X
X
X
X
X
0
Pass-through mode: ADC port in,
DAC port out
X
X
X
X
1
0
X
X
X
Pass-through mode: DAC port in,
ADC port out
X
X
X
X
1
1
X
X
X
ADC inputs connect to VCAL
X
X
X
X
X
X
1
X
X
Put ADCs in 4-bit mode
X
X
X
X
X
X
X
1
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com