Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MP8830 Arkusz danych(PDF) 6 Page - Exar Corporation

Numer części MP8830
Szczegółowy opis  Triple 10-bit High Speed Analog-to-Digital Converter with Digitally Controlled References
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  EXAR [Exar Corporation]
Strona internetowa  http://www.exar.com
Logo EXAR - Exar Corporation

MP8830 Arkusz danych(HTML) 6 Page - Exar Corporation

Back Button MP8830 Datasheet HTML 2Page - Exar Corporation MP8830 Datasheet HTML 3Page - Exar Corporation MP8830 Datasheet HTML 4Page - Exar Corporation MP8830 Datasheet HTML 5Page - Exar Corporation MP8830 Datasheet HTML 6Page - Exar Corporation MP8830 Datasheet HTML 7Page - Exar Corporation MP8830 Datasheet HTML 8Page - Exar Corporation MP8830 Datasheet HTML 9Page - Exar Corporation MP8830 Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
MP8830
6
Rev. 1.00
Parameter
Test Conditions/Comments
Units
Max
Typ
Min
Symbol
3-State Leakage
IOZ
–10
10
µA
In pass-through mode
Digital Timing Specifications2
For testing, rise time = fall time =
10 ns. Output loading = 60 pF except for
AD0-AD9 for which loading is 40 pF. Rise
and fall times faster than 5 ns should be
avoided.
AENL, BENL, CENL
Pulse Width
t1
125
ns
D/A Data Hold Time
t2
20
ns
BENL Rising Edge to CENL Rising
Edge
t3
270
ns
AENL Rising Edge to CVL Falling
Edge
t4
30
ns
D/A Data Setup Time
t5
20
ns
Analog Input Hold Time
t6
20
ns
Measured as part of analog feedthrough test.
Note, ttapmax < t4min + t6min.
CVL Rising Edge to AENL Rising
Edge
t7
230
ns
A/D Data Enable Time
t8
40
ns
CVL to Channel A data.
BENL to Channel B data.
CENL to Channel C data.
CENL Rising Edge to CVL Rising
Edge
t9
40
ns
Analog Input Settled to 0.1%
t10
50
ns
Assumes the sample is taken at the rising
edge of AENL.
A/D Data Hold Time
t11
20
ns
Aperture Delay
tAP
20
40
ns
Analog sampling window delay from CVL ris-
ing (
↑) edge (start) or AENL rising (↑) edge
(end).
CVL Falling Edge to BENL Rising
Edge
t12
180
ns
Delay from CD5-14 to AD0-9 with
CREN=1
t13
50
ns
Delay from AD0-9 to CD5-14 with
CREN = 1
t14
50
ns
Delay from DCL Falling Edge to
Clamp on.
t15
40
ns
External analog clamp voltage settling de-
pends on external circuitry.
Delay from DCL Rising Edge to
Clamp off.
t16
40
ns
External analog clamp voltage settling de-
pends on external circuitry.
Time for AD0-9 and CD5-14 to switch
from normal operation to pass
through mode or vise versa (i.e. bus
contention).
t17
0
40
ns
User should stop driving the bus before
changing the mode and data will not be valid
for 40 ns after a change of mode.
Digital Quiet Time
t18
15
ns
This quiet time is necessary to reduce digital
crosstalk during the critical sampling time.
The accuracy of each conversion may be cor-
rupted due to digital noise on the board during
this period.
Digital Quiet Time
t19
40
ns
This quiet time is necessary to reduce digital
crosstalk during the critical sampling time.
The accuracy of each conversion may be cor-
rupted due to digital noise on the board during
this period.
Notes
1
Production testing performanced at 25
°C.
2
Not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com