| Zakładka z wyszukiwarką danych komponentów |
|
UPD77533 Arkusz danych(PDF) 29 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD77533 Arkusz danych(HTML) 29 Page - Renesas Technology Corp |
|
29 / 104 page ![]() Data Sheet S15671EJ4V0DS 27 µµµµPD77533 5.2 RF Block ON When positioning starts, the µPD77533 automatically controls the external pins ADSCK, RFON, AGC, and DCOFF as follows, and switches on the RF block. Specifically, the µPD77533 performs the following. • Start of ADSCK signal output • RFON = 1 (down converter power on) • Start of AGC, DCOFF signal output 5.2.1 AGC and DCOFF output signals The values of the AGC and DCOFF output signals are shown in Table 5-1, together with the corresponding TXACTV input signal values and ADDI3 to ADDI0 input signal values (values input from A/D converter; 4 bits). DCOFF is a feedback signal to the RF block and is used to adjust the RF offset. AGC is a feedback signal to the RF block and is used to adjust the RF gain. When TXACTV is 1 (PDC/PHS transmitting), both DCOFF and AGC are high-impedance output, regardless of the value input from ADC. Table 5-1. Output Values of AGC and DCOFF TXACTV (Input Signal) ADDI3 to ADDI0 (Values Input from A/D Converter) DCOFF (Output Signal) AGC (Output Signal) 1 All cases High-impedance High-impedance 0 0b1111 1 0 0 0b1110 1 0 0 0b1101 1 0 0 0b1100 1 0 0 0b1011 1 0 0 0b1010 1 1 0 0b1001 1 1 0 0b1000 High-impedance 1 0 0b0111 0 1 0 0b0110 0 1 0 0b0101 0 0 0 0b0100 0 0 0 0b0011 0 0 0 0b0010 0 0 0 0b0001 0 0 0 0b0000 0 0 5.3 GPS Signal Reception (SnapShot Execution) The µPD77533 executes GPS signal reception. Details of this processing are not available to users. • The SnapShot execution time is set to the time specified by the host CPU or the server command “$JM”. • The signal processing operation during SnapShot execution (the “status” parameter) becomes “SnapShot in progress”. • The signal processing operation at the end of SnapShot execution (the “status” parameter) becomes “Idling”. Remark See Table 3-2 Initial Values of Internal Parameters for details of the status parameter. |