| Zakładka z wyszukiwarką danych komponentów |
|
UPD77533 Arkusz danych(PDF) 19 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD77533 Arkusz danych(HTML) 19 Page - Renesas Technology Corp |
|
19 / 104 page ![]() Data Sheet S15671EJ4V0DS 17 µµµµPD77533 3.2 Reset (Software Reset by Reset Command) The internal parameters of the µPD77533, except for the baud rate, are initialized by the Reset command (0x04) from the host CPU. Figure 3-2. Software Reset 3.3 Processing Required at Startup When the GPS receiver is activated, the host CPU must perform processing using the procedure shown below. Figure 3-3. Host CPU Processing Procedure at µµµµPD77533 Startup PD77533 µ Host CPU PD77533 startup µ LS Reset response Setting character timeout first is preferred. Character timeout setting. Other PD77533 settings made as required µ Connect Connection must be complete by this point. Positioning possible Confirm that the reset response is returned immediately after PD77533 startup. µ PD77533 µ Host CPU Set values of internal parameters except baud rate initialized Reset (0x04) Reset (0x04) |