| Zakładka z wyszukiwarką danych komponentów |
|
UPD77533 Arkusz danych(PDF) 58 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD77533 Arkusz danych(HTML) 58 Page - Renesas Technology Corp |
|
58 / 104 page ![]() Data Sheet S15671EJ4V0DS 56 µµµµPD77533 16.6 Frequency Calibration Control [Function] Sets and references FCC control usage. Figure 16-6. Frequency Calibration Control Flow [Command] Table 16-7. Format of Frequency Calibration Control Field Number of Bytes Form Description CMD-ID 1 − 0x06 LENGTH 1 − 1 = Sets use of FCC control 0 = References current FCC control usage DATA FCC control (when LENGTH = 1) 1 unsigned 0 = FCC control not used (default) Else = FCC control used FLAG 1 − 0x03 [Response] The value set or current value is returned in the format shown in Table 16-7. [Related commands] 16.2 FCC Reference Frequency 16.7 TXACTV Control [Function] Sets and references TXACTV control usage. Figure 16-7. TXACTV Control Flow PD77533 µ Host CPU CMD-ID = 0x06 CMD-ID = 0x06 PD77533 µ Host CPU CMD-ID = 0x07 CMD-ID = 0x07 |