| Zakładka z wyszukiwarką danych komponentów |
|
UPD77533 Arkusz danych(PDF) 45 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD77533 Arkusz danych(HTML) 45 Page - Renesas Technology Corp |
|
45 / 104 page ![]() Data Sheet S15671EJ4V0DS 43 µµµµPD77533 13.2 Flow of Commands, Reponses, ACK, and NACK 13.2.1 ACK, NACK in case of local command When the command is a local command, ACK and NACK are not used to confirm packet transmission/reception. A response to the command (command execution result) is sent from the µPD77533 to the host CPU instead of ACK. There is no equivalent to ACK for a command to which no response is returned (baud rate change command). Even if NACK is sent from the host CPU to the µPD77533, the latter does not re-send the packet. Figure 13-1. Local Command Flow PD77533 µ Host CPU Command (CMD-ID = 0x31) PD77533 version command transmitted Error notification PD77533 version response Example of normal flow Response (CMD-ID = 0x31) Command (CMD-ID = 0x31) Timeout or error occurrence Command (CMD-ID = 0x31) Response (CMD-ID = 0x31) Error (CMD-ID = 0x3F) PD77533 version command transmitted PD77533 version response Example of abnormal flow PD77533 version command transmitted µ µ µ µ µ |