| Zakładka z wyszukiwarką danych komponentów |
|
UPD77533 Arkusz danych(PDF) 67 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD77533 Arkusz danych(HTML) 67 Page - Renesas Technology Corp |
|
67 / 104 page ![]() Data Sheet S15671EJ4V0DS 65 µµµµPD77533 16.18 CA Parameter Set [Function] Sets and references the !ca parameter. Figure 16-17. CA Parameter Set Flow [Command] Table 16-23. Format of CA Parameter Set Field Number of Bytes Form Description CMD-ID 1 − 0x40 LENGTH 1 − 8 = Sets !ca parameter 0 = References current !ca parameter setting DATA Unit ID 1 − Unit ID (7:0) (when LENGTH = 8) 1 − Unit ID (15:8) 1 − Unit ID (23:16) 1 − Unit ID (31:24) Version 1 − Version (7:0) (when LENGTH = 8) 1 − Version (15:8) 1 − Version (23:16) 1 − Version (31:24) FLAG 1 − 0x03 [Response] The value set or current value is returned in the format shown in Table 16-23. [Remark] The unit ID and version values depend on the system (customer default). PD77533 µ Host CPU CMD-ID = 0x40 CMD-ID = 0x40 |