| Zakładka z wyszukiwarką danych komponentów |
|
HCS12COREUG Arkusz danych(PDF) 37 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
HCS12COREUG Arkusz danych(HTML) 37 Page - Freescale Semiconductor, Inc |
|
37 / 130 page ![]() MC9S12H256 Device User Guide — V01.18 $009F ATDDR7L Read: Bit7 654321 Bit0 Write: $00A0 ATDDR8H Read: Bit15 14 13 12 11 10 9 Bit8 Write: $00A1 ATDDR8L Read: Bit7 654321 Bit0 Write: $00A2 ATDDR9H Read: Bit15 14 13 12 11 10 9 Bit8 Write: $00A3 ATDDR9L Read: Bit7 654321 Bit0 Write: $00A4 ATDDR10H Read: Bit15 14 13 12 11 10 9 Bit8 Write: $00A5 ATDDR10L Read: Bit7 654321 Bit0 Write: $00A6 ATDDR11H Read: Bit15 14 13 12 11 10 9 Bit8 Write: $00A7 ATDDR11L Read: Bit7 654321 Bit0 Write: $00A8 ATDDR12H Read: Bit15 14 13 12 11 10 9 Bit8 Write: $00A9 ATDDR12L Read: Bit7 654321 Bit0 Write: $00AA ATDDR13H Read: Bit15 14 13 12 11 10 9 Bit8 Write: $00AB ATDDR13L Read: Bit7 654321 Bit0 Write: $00AC ATDDR14H Read: Bit15 14 13 12 11 10 9 Bit8 Write: $00AD ATDDR14L Read: Bit7 654321 Bit0 Write: $00aE ATDDR15H Read: Bit15 14 13 12 11 10 9 Bit8 Write: $00AF ATDDR15L Read: Bit7 654321 Bit0 Write: $00B0 - $00BF Reserved Address Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 $00B0 - $00BF Reserved Read: 00000000 Write: $00C0 - $00C7 IIC (Inter IC Bus) Address Name Bit 7 Bit 3 Bit 2 Bit 1 Bit 0 $00C0 IBAD Read: ADR7 ADR3 ADR2 ADR1 0 Write: $00E1 IBFD Read: IBC7 IBC3 IBC2 IBC1 IBC0 Write: $0080 - $00AF ATD (Analog to Digital Converter 10 Bit 16 Channel) Address Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |