| Zakładka z wyszukiwarką danych komponentów |
|
HCS12COREUG Arkusz danych(PDF) 39 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
HCS12COREUG Arkusz danych(HTML) 39 Page - Freescale Semiconductor, Inc |
|
39 / 130 page ![]() MC9S12H256 Device User Guide — V01.18 $00D5 SCI1SR2 Read: 00000 BRK13 TXDIR RAF Write: $00D6 SCI1DRH Read: R8 T8 000000 Write: $00D7 SCI1DRL Read: R7 R6 R5 R4 R3 R2 R1 R0 Write: T7 T6 T5 T4 T3 T2 T1 T0 $00D8 - $00DF SPI0 (Serial Peripheral Interface) Address Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 $00D8 SPI0CR1 Read: SPIE SPE SPTIE MSTR CPOL CPHA SSOE LSBFE Write: $00D9 SPI0CR2 Read: 0 0 0 MODFEN BIDIROE 0 SPISWAI SPC0 Write: $00DA SPI0BR Read: 0 SPPR2 SPPR1 SPPR0 0 SPR2 SPR1 SPR0 Write: $00DB SPI0SR Read: SPIF 0 SPTEF MODF 0000 Write: $00DC Reserved Read: 00000000 Write: $00DD SPI0DR Read: Bit7 654321 Bit0 Write: $00DE Reserved Read: 00000000 Write: $00DF Reserved Read: 00000000 Write: $00E0 - $00FF PWM (Pulse Width Modulator 8 Bit 6 Channel) Address Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 $00E0 PWME Read: 0 0 PWME5 PWME4 PWME3 PWME2 PWME1 PWME0 Write: $00E1 PWMPOL Read: 0 0 PPOL5 PPOL4 PPOL3 PPOL2 PPOL1 PPOL0 Write: $00E2 PWMCLK Read: 0 0 PCLK5 PCLK4 PCLK3 PCLK2 PCLK1 PCLK0 Write: $00E3 PWMPRCLK Read: 0 PCKB2 PCKB1 PCKB0 0 PCKA2 PCKA1 PCKA0 Write: $00E4 PWMCAE Read: 0 0 CAE5 CAE4 CAE3 CAE2 CAE1 CAE0 Write: $00E5 PWMCTL Read: 0 CON45 CON23 CON01 PSWAI PFRZ 00 Write: $00E6 PWMTST Test Only Read: 00000000 Write: $00E7 PWMPRSC Test Only Read: 00000000 Write: $00E8 PWMSCLA Read: Bit 7 3 2 1 Bit 0 Write: $00D0 - $00D7 SCI1 (Asynchronous Serial Interface) only on MC9S12H256 Address Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |