| Zakładka z wyszukiwarką danych komponentów |
|
HCS12COREUG Arkusz danych(PDF) 79 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
HCS12COREUG Arkusz danych(HTML) 79 Page - Freescale Semiconductor, Inc |
|
79 / 130 page ![]() MC9S12H256 Device User Guide — V01.18 Section 5 Resets and Interrupts 5.1 Overview Consult the Exception Processing section of the HCS12 Core User Guide for information on resets and interrupts. 5.2 Vectors 5.2.1 Vector Table Table 5-1 lists interrupt sources and vectors in default order of priority. Table 5-1 Reset and Interrupt Vector Table Vector Address Interrupt Source CCR Mask Local Enable HPRIO Value to Elevate $FFFE, $FFFF External or Power On Reset None None - $FFFC, $FFFD Clock Monitor fail reset None COPCTL (CME, FCME) - $FFFA, $FFFB COP failure reset None COP rate select - $FFF8, $FFF9 Unimplemented instruction trap None None - $FFF6, $FFF7 SWI None None - $FFF4, $FFF5 XIRQ X-Bit None - $FFF2, $FFF3 IRQ I-Bit INTCR (IRQEN) $F2 $FFF0, $FFF1 Real Time Interrupt I-Bit RTICTL (RTIE) $F0 $FFEE, $FFEF Timer channel 0 I-Bit TIE (C0I) $EE $FFEC, $FFED Timer channel 1 I-Bit TIE (C1I) $EC $FFEA, $FFEB Timer channel 2 I-Bit TIE (C2I) $EA $FFE8, $FFE9 Timer channel 3 I-Bit TIE (C3I) $E8 $FFE6, $FFE7 Timer channel 4 I-Bit TIE (C4I) $E6 $FFE4, $FFE5 Timer channel 5 I-Bit TIE (C5I) $E4 $FFE2, $FFE3 Timer channel 6 I-Bit TIE (C6I) $E2 $FFE0, $FFE1 Timer channel 7 I-Bit TIE (C7I) $E0 $FFDE, $FFDF Timer overflow I-Bit TSCR2 (TOI) $DE $FFDC, $FFDD Pulse accumulator A overflow I-Bit PACTL (PAOVI) $DC $FFDA, $FFDB Pulse accumulator input edge I-Bit PACTL (PAI) $DA $FFD8, $FFD9 SPI I-Bit SP0CR1 (SPIE) $D8 $FFD6, $FFD7 SCI0 I-Bit SC0CR2 (TIE, TCIE, RIE, ILIE) $D6 $FFD4, $FFD5 SCI1 I-Bit SC1CR2 (TIE, TCIE, RIE, ILIE) $D4 $FFD2, $FFD3 ATD0 I-Bit ATDCTL2 (ASCIE) $D2 $FFD0, $FFD1 Reserved $FFCE, $FFCF Port J I-Bit PTJIF (PTJIE) $CE $FFCC, $FFCD Port H I-Bit PTHIF (PTHIE) $CC $FFCA, $FFCB Reserved Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |