| Zakładka z wyszukiwarką danych komponentów |
|
HCS12COREUG Arkusz danych(PDF) 83 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
HCS12COREUG Arkusz danych(HTML) 83 Page - Freescale Semiconductor, Inc |
|
83 / 130 page ![]() MC9S12H256 Device User Guide — V01.18 Section 6 HCS12 Core Block Description Consult the HCS12 Core User Guide for information about the HCS12 core modules, i.e. central processing unit (CPU), interrupt module (INT), module mapping control module (MMC), multiplexed external bus interface (MEBI), breakpoint module (BKP) and background debug mode module (BDM). Section 7 Clock and Reset Generator (CRG) Block Description Consult the CRG Block User Guide for information about the Clock and Reset Generator module. 7.1 Device-specific information 7.1.1 XCLKS The XCLKS input signal is active high (see 2.3.10 PE7 / FP22 / XCLKS / NOACC — Port E I/O Pin 7). Section 8 Timer (TIM) Block Description Consult the TIM_16B8C Block User Guide for information about the Timer module. Section 9 Analog to Digital Converter (ATD) Block Description Consult the ATD_10B16C Block User Guide for information about the Analog to Digital Converter module. Section 10 Inter-IC Bus (IIC) Block Description Consult the IIC Block User Guide for information about the Inter-IC Bus module. Section 11 Serial Communications Interface (SCI) Block Description Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |