| Zakładka z wyszukiwarką danych komponentów |
|
HCS12COREUG Arkusz danych(PDF) 98 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
HCS12COREUG Arkusz danych(HTML) 98 Page - Freescale Semiconductor, Inc |
|
98 / 130 page ![]() MC9S12H256 Device User Guide — V01.18 given. A very good estimate is to take the single chip currents and add the currents due to the external loads. Table A-7 Supply Current Characteristics Conditions are shown in Table A-4 unless otherwise noted Num C Rating Symbol Min Typ Max Unit 1P Run supply currents Single Chip, Internal regulator enabled IDD5 65 mA 2P P Wait Supply current All modules enabled, PLL on only RTI enabled 1 IDDW 40 5 mA 3 C P C C P C P C P Pseudo Stop Current (RTI and COP disabled) 1, 2 –40 °C 27 °C 70 °C 85 °C C Temp Option 100 °C 105 °C V Temp Option 120 °C 125 °C M Temp Option 140 ° C NOTES: 1. PLL off 2. At those low power dissipation levels TJ = TA can be assumed IDDPS 360 420 760 800 950 1000 1500 1700 2500 520 2000 3300 4800 µA 4 C C C C C C C Pseudo Stop Current (RTI and COP enabled) 1, 2 –40 °C 27 °C 70 °C 85 °C 105 °C 125 °C 140 °C IDDPS 420 480 820 860 1050 1700 2500 µA 5 C P C C P C P C P Stop Current 2 –40 °C 27 °C 70 °C 85 °C C Temp Option 100 °C 105 °C V Temp Option 120 °C 125 °C M Temp Option 140 °C IDDS 20 40 200 300 550 700 1200 1400 2200 100 1500 2900 4500 µA Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |