Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS489 Arkusz danych(PDF) 11 Page - STMicroelectronics

Numer części TS489
Szczegółowy opis  Pop-free 120mW stereo headphone amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS489 Arkusz danych(HTML) 11 Page - STMicroelectronics

Back Button TS489 Datasheet HTML 7Page - STMicroelectronics TS489 Datasheet HTML 8Page - STMicroelectronics TS489 Datasheet HTML 9Page - STMicroelectronics TS489 Datasheet HTML 10Page - STMicroelectronics TS489 Datasheet HTML 11Page - STMicroelectronics TS489 Datasheet HTML 12Page - STMicroelectronics TS489 Datasheet HTML 13Page - STMicroelectronics TS489 Datasheet HTML 14Page - STMicroelectronics TS489 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
TS488-TS489
Electrical characteristics
11/32
Figure 14.
Signal to noise ratio vs. power
supply voltage
Figure 15.
Signal to noise ratio vs. power
supply voltage
23
45
6
98
100
102
104
106
108
110
RL=32
Ω
A-weighted Filter
Av=-1, T
AMB
=25°C
Cb=1
μF
THD+N<0.4%
Power Supply Voltage (V)
RL=16
Ω
23
45
6
94
96
98
100
102
104
106
RL=32
Ω
Unweighted Filter
(20Hz-20kHz)
Av=-1, T
AMB
=25°C
Cb=1
μF
THD+N<0.4%
Power Supply Voltage (V)
RL=16
Ω
Figure 16.
Signal to noise ratio vs. power
supply voltage
Figure 17.
Signal to noise ratio vs. power
supply voltage
23
45
6
94
96
98
100
102
104
106
RL=32
Ω
A-weighted Filter
Av=-2, T
AMB
=25°C
Cb=1
μF
THD+N<0.4%
Power Supply Voltage (V)
RL=16
Ω
23
45
6
90
92
94
96
98
100
102
RL=32
Ω
Unweighted Filter
(20Hz-20kHz)
Av=-2, T
AMB
=25°C
Cb=1
μF
THD+N<0.4%
Power Supply Voltage (V)
RL=16
Ω
Figure 18.
Signal to noise ratio vs. power
supply voltage
Figure 19.
Signal to noise ratio vs. power
supply voltage
23
45
6
88
90
92
94
96
98
100
RL=32
Ω
A-weighted Filter
Av=-4, T
AMB
=25°C
Cb=1
μF
THD+N<0.4%
Power Supply Voltage (V)
RL=16
Ω
23
45
6
86
88
90
92
94
96
98
RL=32
Ω
Unweighted Filter
(20Hz-20kHz)
Av=-4, T
AMB
=25°C
Cb=1
μF
THD+N<0.4%
Power Supply Voltage (V)
RL=16
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com