Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS489 Arkusz danych(PDF) 23 Page - STMicroelectronics

Numer części TS489
Szczegółowy opis  Pop-free 120mW stereo headphone amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS489 Arkusz danych(HTML) 23 Page - STMicroelectronics

Back Button TS489 Datasheet HTML 19Page - STMicroelectronics TS489 Datasheet HTML 20Page - STMicroelectronics TS489 Datasheet HTML 21Page - STMicroelectronics TS489 Datasheet HTML 22Page - STMicroelectronics TS489 Datasheet HTML 23Page - STMicroelectronics TS489 Datasheet HTML 24Page - STMicroelectronics TS489 Datasheet HTML 25Page - STMicroelectronics TS489 Datasheet HTML 26Page - STMicroelectronics TS489 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
TS488-TS489
Application information
23/32
and its value is:
Note:
This maximum value depends only on power supply voltage and load values.
The efficiency is the ratio between the output power and the power supply:
The maximum theoretical value is reached when Vpeak = VCC/2, so
4.2
Total power dissipation
The TS488/9 is stereo (dual channel) amplifier. It has two independent power amplifiers.
Each amplifier produces heat due to its power dissipation. Therefore the maximum die
temperature is the sum of each amplifier’s maximum power dissipation. It is calculated as
follows:
Pdiss R = Power dissipation due to the right channel power amplifier.
Pdiss L = Power dissipation due to the left channel power amplifier.
Total Pdiss =Pdiss R +Pdiss L (W)
Typically, Pdiss R is equal to Pdiss L, giving:
4.3
Lower cut-off frequency
The lower cut-off frequency FCL of the amplifier depends on input capacitors Cin and output
capacitors Cout.
The input capacitor Cin (output capacitor Cout) in serial with the input resistor Rin (load
resistor RL) of the amplifier is equivalent to a first order high pass filter. Assuming that FCL is
the lowest frequency to be amplified (with a 3dB attenuation), the minimum value of the Cin
(Cout) is:
P
diss
MAX
V
CC
2
π
2
R
L
------------- W
()
=
η
P
OUT
P
supply
-------------------
πV
peak
2V
CC
------------------
==
η
π
4
---
78.5%
==
TotalP
diss
2P
dissR
2P
dissL
==
TotalP
diss
22VCC
π R
L
---------------------- P
OUT
2P
OUT
=
C
in
1
2
π F
CL
R
in
⋅⋅
----------------------------------------
=
C
out
1
2
π F
CL
R
L
⋅⋅
--------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com