Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS489 Arkusz danych(PDF) 18 Page - STMicroelectronics

Numer części TS489
Szczegółowy opis  Pop-free 120mW stereo headphone amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS489 Arkusz danych(HTML) 18 Page - STMicroelectronics

Back Button TS489 Datasheet HTML 14Page - STMicroelectronics TS489 Datasheet HTML 15Page - STMicroelectronics TS489 Datasheet HTML 16Page - STMicroelectronics TS489 Datasheet HTML 17Page - STMicroelectronics TS489 Datasheet HTML 18Page - STMicroelectronics TS489 Datasheet HTML 19Page - STMicroelectronics TS489 Datasheet HTML 20Page - STMicroelectronics TS489 Datasheet HTML 21Page - STMicroelectronics TS489 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
Electrical characteristics
TS488-TS489
18/32
Figure 56.
Output power vs. power supply
voltage
Figure 57.
Output power vs. power supply
voltage
23
45
6
0
40
80
120
160
200
240
THD+N=1%
R
L
=16
Ω , F=1kHz
T
AMB
=25°C
BW=20Hz-120kHz
Power Supply Voltage (V)
THD+N=10%
23
45
6
0
20
40
60
80
100
120
140
THD+N=1%
R
L
=32
Ω , F=1kHz
T
AMB
=25°C
BW=20Hz-120kHz
Power Supply Voltage (V)
THD+N=10%
Figure 58.
Output voltage swing vs. power
supply voltage
Figure 59.
Current consumption vs. power
supply voltage
Figure 60.
Current consumption vs. standby
voltage
Figure 61.
Current consumption vs. standby
voltage
23
45
6
0
1
2
3
4
5
6
RL=16
Ω
T
AMB
=25°C
Power Supply Voltage (V)
RL=32
Ω
23
45
6
0
1
2
3
T
AMB
= -40°C
T
AMB
= 85°C
T
AMB
= 25°C
No Loads
Power Supply Voltage (V)
0.0
0.5
1.0
1.5
2.0
2.5
0.0
0.5
1.0
1.5
2.0
2.5
TS488, T
AMB
=-40°C
TS488, T
AMB
=25°C
TS488, T
AMB
=85°C
V
CC
=2.5V
Standby Voltage (V)
0.0
0.5
1.0
1.5
2.0
2.5
0.0
0.5
1.0
1.5
2.0
2.5
TS489, T
AMB
=-40°C
TS489, T
AMB
=25°C
TS489, T
AMB
=85°C
V
CC
=2.5V
Standby Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com