Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS489 Arkusz danych(PDF) 29 Page - STMicroelectronics

Numer części TS489
Szczegółowy opis  Pop-free 120mW stereo headphone amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS489 Arkusz danych(HTML) 29 Page - STMicroelectronics

Back Button TS489 Datasheet HTML 24Page - STMicroelectronics TS489 Datasheet HTML 25Page - STMicroelectronics TS489 Datasheet HTML 26Page - STMicroelectronics TS489 Datasheet HTML 27Page - STMicroelectronics TS489 Datasheet HTML 28Page - STMicroelectronics TS489 Datasheet HTML 29Page - STMicroelectronics TS489 Datasheet HTML 30Page - STMicroelectronics TS489 Datasheet HTML 31Page - STMicroelectronics TS489 Datasheet HTML 32Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
TS488-TS489
Package mechanical data
29/32
5.2
DFN8 p
ackage
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
0.80
0.90
1.00
0.031
0.035
0.039
A1
0.02
0.05
0.001
0.002
A3
0.15
0.006
b
0.20
0.25
0.30
0.008
0.010
0.012
D2
1.45
1.60
1.70
0.057
0.063
0.067
E2
0.75
0.90
1.00
0.030
0.035
0.039
L
0.225
0.325
0.425
0.009
0.013
0.017
D
2.00
0.079
E
2.00
0.079
aaa
0.15
0.006
bbb
0.10
0.004
ccc
0.10
0.004
QFN8 (2x2) MECHANICAL DATA
aaa C 2x
(D/2 xE/2)
4
INDEX AREA
TOP VIEW
ccc C
PLANE
SEATING
0.08 C
NX
8
B
C
10
bbb
C A B
7
(D/2 xE/2)
INDEX AREA
BOTTOM VIEW
4
SIDE VIEW
PIN#1 ID
D
e
NX b
D2
Exposed Pad
0.60
0.55
0.51
0.022
0.020
0.024
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com