Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS489 Arkusz danych(PDF) 25 Page - STMicroelectronics

Numer części TS489
Szczegółowy opis  Pop-free 120mW stereo headphone amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS489 Arkusz danych(HTML) 25 Page - STMicroelectronics

Back Button TS489 Datasheet HTML 21Page - STMicroelectronics TS489 Datasheet HTML 22Page - STMicroelectronics TS489 Datasheet HTML 23Page - STMicroelectronics TS489 Datasheet HTML 24Page - STMicroelectronics TS489 Datasheet HTML 25Page - STMicroelectronics TS489 Datasheet HTML 26Page - STMicroelectronics TS489 Datasheet HTML 27Page - STMicroelectronics TS489 Datasheet HTML 28Page - STMicroelectronics TS489 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
TS488-TS489
Application information
25/32
4.5
Gain setting
In the flat frequency response region (with no effect from Cin, Cout, Cfeed), the output voltage
is:
The gain AV is:
4.6
Decoupling of the circuit
Two capacitors are needed to properly bypass the TS488 (TS489), a power supply capacitor
Cs and a bias voltage bypass capacitor Cb.
Cs has a strong influence on the THD+N in the high frequency range (above 7kHz) and
indirectly on the power supply disturbances. With 1µF, you can expect THD+N performance
to be similar to the one shown in the datasheet. If Cs is lower than 1µF, the THD+N
increases in the higher frequencies and disturbances on the power supply rail are less
filtered. On the contrary, if Cs is higher than 1µF, the disturbances on the power supply rail
are more filtered.
Cb has an influence on the THD+N in the low frequency range. Its value is critical on the
PSRR with grounded inputs in the lower frequencies:
If Cb is lower than 1µF, the THD+N improves and the PSRR worsens.
If Cb is higher than 1µF, the benefit on the THD+N and PSRR is small.
Note:
The input capacitor Cin also has a significant effect on the PSRR at lower frequencies. The
lower the value of Cin, the higher the PSRR.
4.7
Standby mode
When the standby mode is activated an internal circuit of the TS488 (TS489) is charged
(see Figure 82). A time required to change the internal circuit is a few microseconds.
Figure 82.
Internal equivalent schematic of the TS488 (TS489) in standby mode
V
OUT
V
IN
R
feed
R
in
--------------
⎝⎠
⎛⎞
V
IN
A
V
==
A
V
R
feed
R
in
--------------
=
25K
25K
600K
600K
Vin1
BYPASS
Vin2
Vout1
Vout2
GND
TS488/9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com