Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32G474VBH6 Arkusz danych(PDF) 60 Page - STMicroelectronics

Numer części STM32G474VBH6
Szczegółowy opis  Arm® Cortex®-M4 32b MCUFPU, up to 512 KB Flash, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math accelerator, 184ps 12ch Hi-res timer
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G474VBH6 Arkusz danych(HTML) 60 Page - STMicroelectronics

Back Button STM32G474VBH6 Datasheet HTML 56Page - STMicroelectronics STM32G474VBH6 Datasheet HTML 57Page - STMicroelectronics STM32G474VBH6 Datasheet HTML 58Page - STMicroelectronics STM32G474VBH6 Datasheet HTML 59Page - STMicroelectronics STM32G474VBH6 Datasheet HTML 60Page - STMicroelectronics STM32G474VBH6 Datasheet HTML 61Page - STMicroelectronics STM32G474VBH6 Datasheet HTML 62Page - STMicroelectronics STM32G474VBH6 Datasheet HTML 63Page - STMicroelectronics STM32G474VBH6 Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 232 page
background image
Pinouts and pin description
STM32G474xB STM32G474xC STM32G474xE
60/232
DS12288 Rev 1
E6
16
-
22
22
K2
30
37
PC4
I/O
FT_fa
-
TIM1_ETR,
I2C2_SCL,
USART1_TX,
QUADSPI1_BK2_IO3
, EVENTOUT
ADC2_IN5
H7
-
-
23
23
J3
31
38
PC5
I/O
TT_a
-
TIM15_BKIN,
SAI1_D3,
TIM1_CH4N,
USART1_RX,
HRTIM1_EEV10,
EVENTOUT
ADC2_IN11,
OPAMP1_VINM,
OPAMP2_VINM,
WKUP5
F6
17
16
24
24
H4
32
39
PB0
I/O
TT_a
-
TIM3_CH3,
TIM8_CH2N,
TIM1_CH2N,
QUADSPI1_BK1_IO1
, HRTIM1_FLT5,
UCPD1_FRSTX,
EVENTOUT
ADC3_IN12/ADC
1_IN15,
COMP4_INP,
OPAMP2_VINP,
OPAMP3_VINP
G6
18
17
25
25
K3
33
40
PB1
I/O
TT_a
-
TIM3_CH4,
TIM8_CH3N,
TIM1_CH3N,
COMP4_OUT,
QUADSPI1_BK1_IO0
,
LPUART1_RTS_DE,
HRTIM1_SCOUT,
EVENTOUT
ADC3_IN1/ADC1
_IN12,
COMP1_INP,
OPAMP3_VOUT,
OPAMP6_VINM
J7
19
18
26
26
J4
34
41
PB2
I/O
TT_a
-
RTC_OUT2,
LPTIM1_OUT,
TIM5_CH1,
TIM20_CH1,
I2C3_SMBA,
QUADSPI1_BK2_IO1
, HRTIM1_SCIN,
EVENTOUT
ADC2_IN12,
COMP4_INM,
OPAMP3_VINM
H6
-
19
27
27
K4
35
42
VSSA
S
-
-
-
-
J6
20
20
28
28
K5
36
43
VREF+
S
-
-
-
VREFBUF_OUT
-
-
-
-
-
-
-
44
VREF+
S
-
-
-
VREFBUF_OUT
J5
21
21
29
29
J5
37
45
VDDA
S
-
-
-
-
H9
-
-
-
-
E5
-
46
VSS
S
-
-
-
-
J1
-
-
-
-
F5
-
47
VDD
S
-
-
-
-
-
-
-
-
-
-
-
48
PF11
I/O
FT
-
TIM20_ETR,
FMC_NE4,
EVENTOUT
-
Table 12. STM32G474xB/xC/xE pin definition (continued)
Pin Number
Pin name
(function
after reset)(1)
Alternate
functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com