Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32G474VBH6 Arkusz danych(PDF) 14 Page - STMicroelectronics

Numer części STM32G474VBH6
Szczegółowy opis  Arm® Cortex®-M4 32b MCUFPU, up to 512 KB Flash, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math accelerator, 184ps 12ch Hi-res timer
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G474VBH6 Arkusz danych(HTML) 14 Page - STMicroelectronics

Back Button STM32G474VBH6 Datasheet HTML 10Page - STMicroelectronics STM32G474VBH6 Datasheet HTML 11Page - STMicroelectronics STM32G474VBH6 Datasheet HTML 12Page - STMicroelectronics STM32G474VBH6 Datasheet HTML 13Page - STMicroelectronics STM32G474VBH6 Datasheet HTML 14Page - STMicroelectronics STM32G474VBH6 Datasheet HTML 15Page - STMicroelectronics STM32G474VBH6 Datasheet HTML 16Page - STMicroelectronics STM32G474VBH6 Datasheet HTML 17Page - STMicroelectronics STM32G474VBH6 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 232 page
background image
Description
STM32G474xB STM32G474xC STM32G474xE
14/232
DS12288 Rev 1
Table 2. STM32G474xB/xC/xE features and peripheral counts
Peripheral
STM32G474
Cx
STM32G474
Rx
STM32G474
Mx
STM32G474
Vx
STM32G474
Qx
Flash memory
512 KB
SRAM
128 (80 + 16+ 32) KB
External memory controller for
static memories (FSMC)
No
Yes
Yes(1)
Yes
QUADSPI
1
Timers
Advanced motor
control
3 (16-bit)
HRTIM
1
General purpose
5 (16-bit)
2 (32-bit)
Basic
2 (16-bit)
Low power
1 (16-bit)
SysTick timer
1
Watchdog timers
(independent,
window)
2
Comm.
interfaces
SPI(I2S)(2)
3 (2)
4 (2)
I2C4
USART
3
UART
0
2
LPUART
1
FDCANs
3
USB device
Yes
UCPD
Yes
SAI
Yes
RTC
Yes
Tamper pins
2
3
Random number generator
Yes
CORDIC
Yes
FMAC
Yes
GPIOs
Wakeup pins
38 in LQFP48
42 in
UFQFPN48
3
52
4
67 in
WLCSP81
66 in LQFP80
4
86
5
107
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com