Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32G474VBH6 Arkusz danych(PDF) 97 Page - STMicroelectronics

Numer części STM32G474VBH6
Szczegółowy opis  Arm® Cortex®-M4 32b MCUFPU, up to 512 KB Flash, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math accelerator, 184ps 12ch Hi-res timer
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G474VBH6 Arkusz danych(HTML) 97 Page - STMicroelectronics

Back Button STM32G474VBH6 Datasheet HTML 93Page - STMicroelectronics STM32G474VBH6 Datasheet HTML 94Page - STMicroelectronics STM32G474VBH6 Datasheet HTML 95Page - STMicroelectronics STM32G474VBH6 Datasheet HTML 96Page - STMicroelectronics STM32G474VBH6 Datasheet HTML 97Page - STMicroelectronics STM32G474VBH6 Datasheet HTML 98Page - STMicroelectronics STM32G474VBH6 Datasheet HTML 99Page - STMicroelectronics STM32G474VBH6 Datasheet HTML 100Page - STMicroelectronics STM32G474VBH6 Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 232 page
background image
Table 25. Current consumption in Run and Low-power run modes,
code with data processing running from SRAM1
Symbol
Parameter
Conditions
fHCLK
TYP
MAX(1)
Unit
-
Voltage
scaling
25°C
55°C
85°C
105°C 125°C
25°C
55°C
85°C
105°C 125°C
IDD(Run)
Supply
current in
Run mode
fHCLK = fHSE
up to 48MHz
included,
bypass mode
PLL ON
above 48
MHz all
peripherals
disable
Range 2
26 MHz
3.35
3.55
4.1
4.95
6.45
3.70
4.30
6.20
8.10
12.00
mA
16 MHz
2.15
2.35
2.9
3.7
5.25
2.50
3.00
4.90
6.90
11.00
8 MHz
1.15
1.35
1.9
2.7
4.2
1.40
2.00
3.90
5.90
9.70
4 MHz
0.69
0.855
1.4
2.2
3.7
0.89
1.50
3.40
5.30
9.20
2 MHz
0.43
0.595
1.15
1.95
3.45
0.63
1.20
3.10
5.10
8.90
1 MHz
0.30
0.47
1
1.8
3.3
0.50
1.10
3.00
4.90
8.80
100 KHz
0.19
0.355
0.89
1.7
3.2
0.38
0.94
2.90
4.80
8.70
Range 1
Boost
mode
170 MHz
26.00
26.5
27.5
28.5
30.5
28.00
28.00
30.00
33.00
38.00
(2)
Range 1
150 MHz
21.50
22
22.5
23.5
25.5
23.00
23.00
25.00
28.00
33.00
(2)
120 MHz
17.50
17.5
18.5
19.5
21.5
19.00
19.00
21.00
24.00
28.00
80 MHz
11.50
12
12.5
13.5
15.5
13.00
13.00
16.00
18.00
23.00
72 MHz
10.50
11
11.5
12.5
14.5
12.00
12.00
14.00
17.00
22.00
64 MHz
9.45
9.7
10.5
11.5
13.5
9.90
11.00
13.00
16.00
21.00
48 MHz
7.25
7.5
8.2
9.25
11
7.60
8.20
11.00
14.00
18.00
32 MHz
4.90
5.15
5.85
6.9
8.7
5.40
6.10
8.60
11.00
16.00
24 MHz
3.75
4
4.7
5.7
7.5
4.20
4.90
7.40
9.80
15.00
16 MHz
2.60
2.85
3.5
4.5
6.3
3.00
3.70
6.20
8.60
14.00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com