Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32G474VBH6 Arkusz danych(PDF) 77 Page - STMicroelectronics

Numer części STM32G474VBH6
Szczegółowy opis  Arm® Cortex®-M4 32b MCUFPU, up to 512 KB Flash, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math accelerator, 184ps 12ch Hi-res timer
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G474VBH6 Arkusz danych(HTML) 77 Page - STMicroelectronics

Back Button STM32G474VBH6 Datasheet HTML 73Page - STMicroelectronics STM32G474VBH6 Datasheet HTML 74Page - STMicroelectronics STM32G474VBH6 Datasheet HTML 75Page - STMicroelectronics STM32G474VBH6 Datasheet HTML 76Page - STMicroelectronics STM32G474VBH6 Datasheet HTML 77Page - STMicroelectronics STM32G474VBH6 Datasheet HTML 78Page - STMicroelectronics STM32G474VBH6 Datasheet HTML 79Page - STMicroelectronics STM32G474VBH6 Datasheet HTML 80Page - STMicroelectronics STM32G474VBH6 Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 232 page
background image
PF0
-
-
-
-
I2C2_
SDA
SPI2_NSS/
I2S2_WS
TIM1_
CH3N
-
-
---
-
-
-
EVENT
OUT
PF1
-
-
-
-
-
SPI2_SCK/
I2S2_CK
-
-
-
---
-
-
-
EVENT
OUT
PF2
-
-
TIM20_CH3
-
I2C2_
SMBA
-
-
-
-
---
FMC_A2
-
-
EVENT
OUT
PF3
-
-
TIM20_CH4
-
I2C3_
SCL
-
-
-
-
---
FMC_A3
-
-
EVENT
OUT
PF4
-
-
COMP1_OUT
TIM20_CH1N
I2C3_
SDA
-
-
-
-
---
FMC_A4
-
-
EVENT
OUT
PF5
-
-
TIM20_CH2N
-
-
-
-
-
-
-
-
-
FMC_A5
-
-
EVENT
OUT
PF6
-
TIM5_ETR
TIM4_CH4
SAI1_SD_B
I2C2_
SCL
-TIM5_CH1
USART3_
RTS
--
QUADSPI1_
BK1_IO3
--
-
-
EVENT
OUT
PF7
-
-
TIM20_BKIN
-
-
-
TIM5_CH2
-
-
-
QUADSPI1_
BK1_IO2
-FMC_A1
SAI1_MCLK_
B
-
EVENT
OUT
PF8
-
-
TIM20_BKIN2
-
-
-
TIM5_CH3
-
-
-
QUADSPI1_
BK1_IO0
-
FMC_A24
SAI1_SCK_B
-
EVENT
OUT
PF9
-
-
TIM20_BKIN
TIM15_CH1
-
SPI2_SCK
TIM5_CH4
-
-
-
QUADSPI1_
BK1_IO1
-
FMC_A25
SAI1_FS_B
-
EVENT
OUT
PF10
-
-
TIM20_BKIN2
TIM15_CH2
-
SPI2_SCK
-
-
-
-
QUADSPI1_
CLK
-
FMC_A0
SAI1_D3
-
EVENT
OUT
PF11
-
-
TIM20_ETR
-
-
-
-
-
-
-
-
-
FMC_NE4
-
-
EVENT
OUT
PF12
-
-
TIM20_CH1
-
-
-
-
-
-
-
-
-
FMC_A6
-
-
EVENT
OUT
PF13
-
-
TIM20_CH2
-
I2C4_
SMBA
-
-
-
-
---
FMC_A7
-
-
EVENT
OUT
PF14
-
-
TIM20_CH3
-
I2C4_
SCL
-
-
-
-
---
FMC_A8
-
-
EVENT
OUT
PF15
-
-
TIM20_CH4
-
I2C4_
SDA
-
-
-
-
---
FMC_A9
-
-
EVENT
OUT
Table 13. Alternate function (continued)
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
I2C4/
SYS_AF
LPTIM1/
TIM2/5/
15/16/17
I2C1/3/
TIM1/2/3/4/5/8/
20/15/
COMP1
QUADSPI1/
I2C3/4/SAI1/US
B/HRTIM1/
TIM8/20/15/
COMP3
I2C1/2/3/
4/TIM1/8/
16/17
QUADSPI1
/SPI1/2/3/4/
I2S2/3/I2C4/
UART4/5/
TIM8/
Infrared
QUADSPI1/
SPI2/3/I2S2
/3/TIM1/5/8/
20/Infrared
USART1/2/3
/FDCAN/CO
MP7/5/6
I2C3/4/UAR
T4/5/LPUA
RT1/COMP
1/2/7/4/5/6/
3
FDCAN/T
IM1/8/15/
FDCAN1/
2
QUADSPI1/
TIM2/3/4/8/1
7
LPTIM1/
TIM1/8/F
DCAN1/3
SDIO/FMC/LP
UART1/SAI1/H
RTIM1/TIM1
SAI1SAI1/HR
TIM1/OPAMP
2
UART4/5/
SAI1/TIM
2/15/
UCPD1
EVENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com