Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32G474VBH6 Arkusz danych(PDF) 62 Page - STMicroelectronics

Numer części STM32G474VBH6
Szczegółowy opis  Arm® Cortex®-M4 32b MCUFPU, up to 512 KB Flash, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math accelerator, 184ps 12ch Hi-res timer
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G474VBH6 Arkusz danych(HTML) 62 Page - STMicroelectronics

Back Button STM32G474VBH6 Datasheet HTML 58Page - STMicroelectronics STM32G474VBH6 Datasheet HTML 59Page - STMicroelectronics STM32G474VBH6 Datasheet HTML 60Page - STMicroelectronics STM32G474VBH6 Datasheet HTML 61Page - STMicroelectronics STM32G474VBH6 Datasheet HTML 62Page - STMicroelectronics STM32G474VBH6 Datasheet HTML 63Page - STMicroelectronics STM32G474VBH6 Datasheet HTML 64Page - STMicroelectronics STM32G474VBH6 Datasheet HTML 65Page - STMicroelectronics STM32G474VBH6 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 232 page
background image
Pinouts and pin description
STM32G474xB STM32G474xC STM32G474xE
62/232
DS12288 Rev 1
J3
-
-
-
37
J7
45
60
PE14
I/O
FT_a
-
TIM1_CH4,
SPI4_MOSI,
TIM1_BKIN2,
QUADSPI1_BK1_IO2
, FMC_D11,
EVENTOUT
ADC4_IN1
F4
-
-
-
38
H7
46
61
PE15
I/O
FT_a
-
TIM1_BKIN,
TIM1_CH4N,
USART3_RX,
QUADSPI1_BK1_IO3
, FMC_D12,
EVENTOUT
ADC4_IN2
H3
22
22
30
39
J8
47
62
PB10
I/O
TT_a
-
TIM2_CH3,
USART3_TX,
LPUART1_RX,
QUADSPI1_CLK,
TIM1_BKIN,
HRTIM1_FLT3,
SAI1_SCK_A,
EVENTOUT
COMP5_INM,
OPAMP3_VINM,
OPAMP4_VINM
J2
-
23
31
40
E6
48
63
VSS
S
-
-
-
-
J1
23
24
32
41
F7
49
64
VDD
S
-
-
-
-
H2
24
25
33
42
H8
50
65
PB11
I/O
TT_a
-
TIM2_CH4,
USART3_RX,
LPUART1_TX,
QUADSPI1_BK1_NC
S, HRTIM1_FLT4,
EVENTOUT
ADC12_IN14,
COMP6_INP,
OPAMP4_VINP,
OPAMP6_VOUT
G3
25
26
34
43
K8
51
66
PB12
I/O
TT_a
-
TIM5_ETR,
I2C2_SMBA,
SPI2_NSS/I2S2_WS,
TIM1_BKIN,
USART3_CK,
LPUART1_RTS_DE,
FDCAN2_RX,
HRTIM1_CHC1,
EVENTOUT
ADC4_IN3/ADC1
_IN11,
COMP7_INM,
OPAMP4_VOUT,
OPAMP6_VINP
H1
26
27
35
44
J9
52
67
PB13
I/O
TT_a
-
SPI2_SCK/I2S2_CK,
TIM1_CH1N,
USART3_CTS,
LPUART1_CTS,
FDCAN2_TX,
HRTIM1_CHC2,
EVENTOUT
ADC3_IN5,
COMP5_INP,
OPAMP3_VINP,
OPAMP4_VINP,
OPAMP6_VINP
Table 12. STM32G474xB/xC/xE pin definition (continued)
Pin Number
Pin name
(function
after reset)(1)
Alternate
functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com