Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32G474VBH6 Arkusz danych(PDF) 102 Page - STMicroelectronics

Numer części STM32G474VBH6
Szczegółowy opis  Arm® Cortex®-M4 32b MCUFPU, up to 512 KB Flash, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math accelerator, 184ps 12ch Hi-res timer
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G474VBH6 Arkusz danych(HTML) 102 Page - STMicroelectronics

Back Button STM32G474VBH6 Datasheet HTML 98Page - STMicroelectronics STM32G474VBH6 Datasheet HTML 99Page - STMicroelectronics STM32G474VBH6 Datasheet HTML 100Page - STMicroelectronics STM32G474VBH6 Datasheet HTML 101Page - STMicroelectronics STM32G474VBH6 Datasheet HTML 102Page - STMicroelectronics STM32G474VBH6 Datasheet HTML 103Page - STMicroelectronics STM32G474VBH6 Datasheet HTML 104Page - STMicroelectronics STM32G474VBH6 Datasheet HTML 105Page - STMicroelectronics STM32G474VBH6 Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 232 page
background image
IDD
(LPRun)
Supply
current in
Low-power
run
SYSCLK source is HSI16
fHCLK = 2 MHz
all peripherals disable
Reduced code(1)
970
1,000
µA
485
500
µA/MHz
Coremark
985
1,000
493
500
Dhrystone2.1
985
955
493
478
Fibonacci
1,050
990
525
495
While(1)
920
875
460
438
1. Reduced code used for characterization results provided in the first tables.
Table 27. Typical current consumption in Run and Low-power run modes,
with different codes running from Flash, ART disable (continued)
Symbol
Parameter
Conditions
Code
TYP
Single Bank
Mode
TYP
Dual Bank
Mode
Unit
TYP
Single
Bank
Mode
TYP
Dual Bank
Mode
Unit
-
Voltage scaling
25°C
25°C
25°C
25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com