Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32G474VBH6 Arkusz danych(PDF) 134 Page - STMicroelectronics

Numer części STM32G474VBH6
Szczegółowy opis  Arm® Cortex®-M4 32b MCUFPU, up to 512 KB Flash, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math accelerator, 184ps 12ch Hi-res timer
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G474VBH6 Arkusz danych(HTML) 134 Page - STMicroelectronics

Back Button STM32G474VBH6 Datasheet HTML 130Page - STMicroelectronics STM32G474VBH6 Datasheet HTML 131Page - STMicroelectronics STM32G474VBH6 Datasheet HTML 132Page - STMicroelectronics STM32G474VBH6 Datasheet HTML 133Page - STMicroelectronics STM32G474VBH6 Datasheet HTML 134Page - STMicroelectronics STM32G474VBH6 Datasheet HTML 135Page - STMicroelectronics STM32G474VBH6 Datasheet HTML 136Page - STMicroelectronics STM32G474VBH6 Datasheet HTML 137Page - STMicroelectronics STM32G474VBH6 Datasheet HTML 138Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 232 page
background image
Electrical characteristics
STM32G474xB STM32G474xC STM32G474xE
134/232
DS12288 Rev 1
5.3.14
I/O port characteristics
General input/output characteristics
Unless otherwise specified, the parameters given in Table 57 are derived from tests
performed under the conditions summarized in Table 17: General operating conditions. All
I/Os are designed as CMOS- and TTL-compliant.
Table 57. I/O static characteristics
Symbol Parameter
Conditions
Min
Typ
Max
Unit
VIL(1)(2)
I/O input
low level
voltage
All except
FT_c
1.62 V<VDD<3.6 V
--
--
0.3xVDD
V
0.39xVDD-0.06(3)
FT_c
2 V<VDD<2.7 V
-
-
0.3xVDD
1.62 V<VDD<2.7 V
-
-
0.2.5xVDD
VIH(1)(2)
I/O input
high level
voltage
All except
FT_c
1.62 V<VDD<3.6 V
0.7xVDD
--
V
0.49xVDD +0.26(3)
--
FT_c
1.62 V<VDD<3.6 V
0.7xVDD
--
VHYS(3)
Input
hysteresis
TT_xx,
FT_xxx,
NRST
1.62 V<VDD<3.6 V
-
200
-
mV
Ileak
Input
leakage
current(3)
FT_xx
except
FT_c
0 < VIN ≤ VDD
-
-
±100
nA
VDD ≤ VIN ≤ VDD+1 V
-
-
650(4)
VDD+1 V < VIN ≤ 5.5 V
-
-
200(4)
FT_c
0 ≤ VIN ≤ VDDMAX
-
-
2000
VDD ≤ VIN <0.5 V
-
-
3000
FT_u, PC3
0 ≤ VIN ≤ VDD
-
-
±150
VDD ≤ VIN ≤ VDD+ 1 V
-
-
±2500
VDD ≤ VIN ≤ 5.5 V
-
-
±250
FT_d
0 ≤ VIN ≤ VDD
-
-
±4500
VDD + 1V ≤ VIN ≤ 5.5 V
-
-
±9000
TT_xx
0 ≤ VIN ≤ VDD
-
-
±150
VDD ≤ VIN ≤ 3.6 V
-
-
2000
RPU
Weak pull-
up
equivalent
resistor(5)
VIN = VSS
25
40
55
kΩ
RPD
Weak pull-
down
equivalent
resistor(5)
VIN = VDD
25
40
55
CIO
I/O pin
capacitance
I/O pin
capacitance
--
5
-
pF
1. Refer to Figure 24: I/O input characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com