Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32G474VBH6 Arkusz danych(PDF) 146 Page - STMicroelectronics

Numer części STM32G474VBH6
Szczegółowy opis  Arm® Cortex®-M4 32b MCUFPU, up to 512 KB Flash, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math accelerator, 184ps 12ch Hi-res timer
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G474VBH6 Arkusz danych(HTML) 146 Page - STMicroelectronics

Back Button STM32G474VBH6 Datasheet HTML 142Page - STMicroelectronics STM32G474VBH6 Datasheet HTML 143Page - STMicroelectronics STM32G474VBH6 Datasheet HTML 144Page - STMicroelectronics STM32G474VBH6 Datasheet HTML 145Page - STMicroelectronics STM32G474VBH6 Datasheet HTML 146Page - STMicroelectronics STM32G474VBH6 Datasheet HTML 147Page - STMicroelectronics STM32G474VBH6 Datasheet HTML 148Page - STMicroelectronics STM32G474VBH6 Datasheet HTML 149Page - STMicroelectronics STM32G474VBH6 Datasheet HTML 150Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 232 page
background image
Electrical characteristics
STM32G474xB STM32G474xC STM32G474xE
146/232
DS12288 Rev 1
The maximum value of RAIN can be found in Table 70: Maximum ADC RAIN.
Table 70. Maximum ADC RAIN(1)(2)
Resolution
Sampling cycle
@60 MHz
Sampling time
[ns] @60 MHz
RAIN max (Ω)
Fast channels(3)
Slow channels(4)
12 bits
2.5
41.67
100
N/A
6.5
108.33
330
100
12.5
208.33
680
470
24.5
408.33
1500
1200
47.5
791.67
2200
1800
92.5
1541.67
4700
3900
247.5
4125
12000
10000
640.5
10675
39000
33000
10 bits
2.5
41.67
120
N/A
6.5
108.33
390
180
12.5
208.33
820
560
24.5
408.33
1500
1200
47.5
791.67
2200
1800
92.5
1541.67
5600
4700
247.5
4125
12000
10000
640.5
10675
47000
39000
8 bits
2.5
41.67
180
N/A
6.5
108.33
470
270
12.5
208.33
1000
680
24.5
408.33
1800
1500
47.5
791.67
2700
2200
92.5
1541.67
6800
5600
247.5
4125
15000
12000
640.5
10675
50000
50000
6 bits
2.5
41.67
220
N/A
6.5
108.33
560
330
12.5
208.33
1200
1000
24.5
408.33
2700
2200
47.5
791.67
3900
3300
92.5
1541.67
8200
6800
247.5
4125
18000
15000
640.5
10675
50000
50000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com